Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9305EP Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9305EP
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305EP Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9305EP Datasheet HTML 30Page - STMicroelectronics L9305EP Datasheet HTML 31Page - STMicroelectronics L9305EP Datasheet HTML 32Page - STMicroelectronics L9305EP Datasheet HTML 33Page - STMicroelectronics L9305EP Datasheet HTML 34Page - STMicroelectronics L9305EP Datasheet HTML 35Page - STMicroelectronics L9305EP Datasheet HTML 36Page - STMicroelectronics L9305EP Datasheet HTML 37Page - STMicroelectronics L9305EP Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 107 page
background image
Symbol
Parameter
Test condition
Min Typ Max Unit
Pin
Vclamp
LOADx clamp voltage
VBATP < 27V
32
35
38
V
LOAD_SOLx
Vclamp_dly
LOADx disable delay by clamp activation detection
Design info, not tested
–
–
2
µs
LOAD_SOLx
Vclamp_flt
LOADx clamp detection filter time
Guaranteed by scan
3.5
5
7
µs
LOAD_SOLx
Eclamp
Energy clamp single pulse
Iload = 1 A, Tj = 100 °C
–
–
25
mJ
LOAD_SOLx
Eclamp
Energy clamp single pulse
Iload = 1 A, Tj = 175 °C
–
–
18
mJ
LOAD_SOLx
Table 19. Valve driver LS off state diagnostics parameters
Symbol
Parameter
Test condition
Min Typ Max Unit
Pin
Off state diagnostic – LS configuration
VTGND
Short to GND threshold voltage
LS mode, driver tristate, diagnostic on
1.9
2.1
2.3
V
LOAD_SOLx
VTOPEN
Open load threshold voltage
LS mode, driver tristate, diagnostic on
2.7
2.9
3.1
V
LOAD_SOLx
VOUTOPEN
Open load voltage
LS mode, driver tristate, diagnostic on
2.35 2.5 2.65
V
LOAD_SOLx
I_LS_THOPEN Open load threshold current
–
40
60
80
µA
LOAD_SOLx
I_LS_PD
Diagnostic pull down current
–
50
70
90
µA
LOAD_SOLx
I_LS_PU
Diagnostic pull up current
–
55
75
95
µA
LOAD_SOLx
td_blank_0
Blank time 0
Bit_blank_x = 0, Guaranteed by scan
5
–
7.5
ms LOAD_SOLx
td_blank_1
Blank time 1
Bit_blank_x = 1, Guaranteed by scan
2.5
–
3.75 ms LOAD_SOLx
tflt_diagoff
Filter time
Guaranteed by scan
55
–
80
µs
LOAD_SOLx
Minimum OFF time for correct
diagnostic (Blank time 0)
Application note (esd cap < 12 nF, Bit_blank
= 0)
7.58
–
ms LOAD_SOLx
Minimum OFF time for correct
diagnostic (Blank time 1)
Application note (esd cap < 6 nF, Bit_blank
= 1)
3.83
–
ms LOAD_SOLx
Table 20. Valve Driver HS Off State Diagnostic Parameters
Symbol
Parameter
Test condition
Min Typ Max Unit
Pin
Off State Diagnostic – HS Configuration
VTVBAT
Short to battery threshold voltage
HS mode, driver tristate, diagnostic on
2.7
2.9
3.1
V
LOAD_SOLx
VTOPEN
Open load threshold voltage
HS mode, driver tristate, diagnostic on
1.9
2.1
2.3
V
LOAD_SOLx
VOUTOPEN
Open load voltage
HS mode, driver tristate, diagnostic on
2.35 2.5 2.65
V
LOAD_SOLx
I_HS_THOPEN Open load threshold current
–
30
60
90
µA
LOAD_SOLx
I_HS_PU
Diagnostic pull up current
–
55
70
95
µA
LOAD_SOLx
I_HS_PD
Diagnostic pull down current
–
60
70
100
µA
LOAD_SOLx
td_blank_0
Blank time 0
Bit_blank_x = 0, Guaranteed by scan
5
–
7.5
ms LOAD_SOLx
td_blank_1
Blank time 1
Bit_blank_x = 1, Guaranteed by scan
2.5
–
3.75 ms LOAD_SOLx
tflt_diagoff
Filter time
Guaranteed by scan
55
–
80
µs
LOAD_SOLx
Minimum OFF time for correct
diagnostic (Blank time 0)
Application note (esd cap < 12nF, Bit_blank
= 0)
7.58
–
ms LOAD_SOLx
Minimum OFF time for correct
diagnostic (Blank time 1)
Application note (esd cap < 6nF, Bit_blank
= 1)
3.83
–
ms LOAD_SOLx
L9305
Valve driver electrical specifications
DS12774 - Rev 8
page 34/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com