Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83955AV Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83955AV
Description  LitE Repeater Interface Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83955AV Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP83955AV Datasheet HTML 17Page - National Semiconductor (TI) DP83955AV Datasheet HTML 18Page - National Semiconductor (TI) DP83955AV Datasheet HTML 19Page - National Semiconductor (TI) DP83955AV Datasheet HTML 20Page - National Semiconductor (TI) DP83955AV Datasheet HTML 21Page - National Semiconductor (TI) DP83955AV Datasheet HTML 22Page - National Semiconductor (TI) DP83955AV Datasheet HTML 23Page - National Semiconductor (TI) DP83955AV Datasheet HTML 24Page - National Semiconductor (TI) DP83955AV Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
50 Functional Description (Continued)
ACKI
Function
Input signal to the PSM arbitration
chain This chain is employed to
identify
PORT N and PORT M
Note
A LERIC which contains
PORT N or
PORT M may be identified by its
ACKO signal being low when its ACKI
input is high
Conditions
Not Applicable
required for a
LERIC to drive
this signal
LERIC
This is dependent upon the method
used to cascade LERICs described in
Receiving the
Section 53
Signal
ACKO
Function
Output signal from the PSM arbitration
chain
Conditions
This is dependent upon the method
used to cascade LERICs described in
required for a
Section 53
LERIC to drive
this signal
LERIC
Not Applicable
Receiving the
Signal
ACTN
Function
This signal denotes there is activity on
PORT N or PORT M
Conditions
A LERIC must contain
PORT N
required for a
or
PORT M
LERIC to drive
Note
Although this signal normally has only
one source asserting the signal active
this signal
it is used in a wired-OR configuration
LERIC
The signal is monitored by all LERICs
in the repeater system
Receiving the
Signal
ANYXN
Function
This signal denotes that a repeater
port that is not
Port N or Port M is
experiencing a collision
Conditions
Any LERIC which satisifies the above
condition
required for a
Note
This bus line is used in a wired-OR
LERIC to drive
configuration
this signal
LERIC
The signal is monitored by all LERICs
in the repeater system
Receiving the
Signal
COLN
Function
Denotes
PORT N or PORT M is
experiencing a collision
Conditions
A LERIC must contain
PORT N
required for a
or
PORT M
LERIC to drive
this signal
LERIC
The Signal is monitored by all other
LERICs in the repeater system
Receiving the
Signal
IRE
Function
This signal acts as an activity framing
signal for the IRC and IRD signals
Conditions
A LERIC must contain
PORT N
required for a
LERIC to drive
this signal
LERIC
The Signal is monitored by all other
LERICs in the repeater system
Receiving the
Signal
IRD
Function
Decoded serial data in NRZ format
received from the network segment
attached to
PORT N
Conditions
A LERIC must contain
PORT N
required for a
LERIC to drive
this signal
LERIC
The signal is monitored by all other
LERICs in the repeater system
Receiving the
Signal
IRC
Function
Clock signal associated with IRD and
IRE
Conditions
A LERIC must contain
PORT N
required for a
LERIC to drive
this signal
LERIC
The signal is monitored by all other
LERICs in the repeater system
Receiving the
Signal
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com