Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83955AV Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83955AV
Description  LitE Repeater Interface Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83955AV Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button DP83955AV Datasheet HTML 28Page - National Semiconductor (TI) DP83955AV Datasheet HTML 29Page - National Semiconductor (TI) DP83955AV Datasheet HTML 30Page - National Semiconductor (TI) DP83955AV Datasheet HTML 31Page - National Semiconductor (TI) DP83955AV Datasheet HTML 32Page - National Semiconductor (TI) DP83955AV Datasheet HTML 33Page - National Semiconductor (TI) DP83955AV Datasheet HTML 34Page - National Semiconductor (TI) DP83955AV Datasheet HTML 35Page - National Semiconductor (TI) DP83955AV Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
50 Functional Description (Continued)
TABLE 5-4 Status Display Pin Functions in Maximum Mode
Signal
Function in MAXIMUM MODE
Pin Name
D0
Provides status information concerning the Link Integrity status of 10BASE-T segments This signal should be
connected to the data inputs of the chosen pair of 74LS259 latches
D1
Provides status information indicating if there is a collision occurring on one of the segments attached to this LERIC
This signal should be connected to the data inputs of the chosen pair of 74LS259 latches
D2
Provides status information indicating if one of this LERIC’s ports is receiving data or a collision packet from its
segment This signal should be connected to the data inputs of the chosen pair of 74LS259 latches
D3
Provides status information indicating that the LERIC has experienced a jabber protect condition Additionally it
denotes which of its ports are partitioned This signal should be connected to the data inputs of the chosen pair of
74LS259 latches
D4
Provides status information indicating if one of this LERIC’s ports is receiving data of inverse polarity This status
output is only valid if the port is configured to use its internal 10BASE-T transceiver The signal should be connected to
the data inputs of the chosen pair of 74LS259 latches
D(75)
These signals provide the repeater port address corresponding to the data available on D(40)
STR
This signal is the latch enable for the 74LS259 latches
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com