Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83955AV Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83955AV
Description  LitE Repeater Interface Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83955AV Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button DP83955AV Datasheet HTML 45Page - National Semiconductor (TI) DP83955AV Datasheet HTML 46Page - National Semiconductor (TI) DP83955AV Datasheet HTML 47Page - National Semiconductor (TI) DP83955AV Datasheet HTML 48Page - National Semiconductor (TI) DP83955AV Datasheet HTML 49Page - National Semiconductor (TI) DP83955AV Datasheet HTML 50Page - National Semiconductor (TI) DP83955AV Datasheet HTML 51Page - National Semiconductor (TI) DP83955AV Datasheet HTML 52Page - National Semiconductor (TI) DP83955AV Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
100 Switching Characteristics (Continued)
REGISTER READ TIMING
TLF11240 – 32
Symbol
Number
Parameter
Min
Max
Units
rdadrs
T80
Address Setup from BUFEN Low
0
85
ns
rdadrh
T81
Address Hold after RD High
0
ns
rdlbufl
T82
RD Low to BUFEN Low
80
355
ns
rdhbufh
T83
RD High to BUFEN High
35
ns
bufldatv
T84
BUFEN Low to Data Valid
190
ns
rddath
T85
Read Data Hold
60
ns
rdw
T88
RD Width
650
ns
rdtr
T89
RD Low to D(74) TRI-STATE
80
355
ns
Note
Minimum high time between readwrite cycles is 100 ns
REGISTER WRITE TIMING
TLF11240 – 33
Symbol
Number
Parameter
Min
Max
Units
wradrs
T90
Address Setup from BUFEN Low
0
14
ns
wradrh
T91
Address Hold after WR High
0
ns
wrlbufl
T92
WR Low to BUFEN Low
80
355
ns
wrhbufh
T93
WR High to BUFEN High
35
ns
wradatv
T94
BUFEN Low to Data Valid
160
ns
wrdath
T95
Write Data Hold
0
ns
wrdatr
T96
BUFEN Low to Data Latched
245
ns
wrw
T98
WR Width
650
ns
wrtr
T99
WR Low to D(70) TRI-STATE
80
355
ns
Note
Minimum high time between readwrite cycles is 100 ns
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com