Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC40103DB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC40103DB
Description  8-bit synchronous binary down counter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC40103DB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HC40103DB Datasheet HTML 3Page - NXP Semiconductors 74HC40103DB Datasheet HTML 4Page - NXP Semiconductors 74HC40103DB Datasheet HTML 5Page - NXP Semiconductors 74HC40103DB Datasheet HTML 6Page - NXP Semiconductors 74HC40103DB Datasheet HTML 7Page - NXP Semiconductors 74HC40103DB Datasheet HTML 8Page - NXP Semiconductors 74HC40103DB Datasheet HTML 9Page - NXP Semiconductors 74HC40103DB Datasheet HTML 10Page - NXP Semiconductors 74HC40103DB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
1998 Jul 08
7
Philips Semiconductors
Product specification
8-bit synchronous binary down counter
74HC/HCT40103
tsu
set-up time
TE to CP
150
44
190
225
ns
2.0
Fig.11
30
16
38
45
4.5
26
13
33
38
6.0
tsu
set-up time
Pn to CP
75
22
95
110
ns
2.0
Fig.12
15
8
19
22
4.5
13
6
16
19
6.0
th
hold time
PE to CP
0
−14
0
0
ns
2.0
Fig.11
0
−5
0
0
4.5
0
−4
0
0
6.0
th
hold time
TE to CP
0
−30
0
0
ns
2.0
Fig.11
0
−11
0
0
4.5
0
−9
0
0
6.0
th
hold time
Pn to CP
0
−17
0
0
ns
2.0
Fig.12
0
−6
0
0
4.5
0
−5
0
0
6.0
fmax
maximum clock pulse
frequency
3.0
10
2.4
2.0
MHz
2.0
Fig.7
15
29
12
10
4.5
18
35
14
12
6.0
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min. typ. max. min. max.
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com