Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC40103DB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC40103DB
Description  8-bit synchronous binary down counter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC40103DB Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC40103DB Datasheet HTML 1Page - NXP Semiconductors 74HC40103DB Datasheet HTML 2Page - NXP Semiconductors 74HC40103DB Datasheet HTML 3Page - NXP Semiconductors 74HC40103DB Datasheet HTML 4Page - NXP Semiconductors 74HC40103DB Datasheet HTML 5Page - NXP Semiconductors 74HC40103DB Datasheet HTML 6Page - NXP Semiconductors 74HC40103DB Datasheet HTML 7Page - NXP Semiconductors 74HC40103DB Datasheet HTML 8Page - NXP Semiconductors 74HC40103DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
1998 Jul 08
3
Philips Semiconductors
Product specification
8-bit synchronous binary down counter
74HC/HCT40103
ORDERING INFORMATION
PIN DESCRIPTION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
74HC40103N;
74HCT40103N
DIP16
plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1
74HC40103D;
74HCT40103D
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
74HC40103DB;
74HCT40103DB
SSOP16
plastic shrink small outline package; 16 leads; body width 5.3 mm
SOT338-1
74HC40103PW;
TSSOP16 plastic thin shrink small outline package; 16 leads; body width 4.4 mm
SOT403-1
PIN NO.
SYMBOL
NAME AND FUNCTION
1
CP
clock input (LOW-to-HIGH, edge-triggered)
2
MR
asynchronous master reset input (active LOW)
3
TE
terminal enable input
4, 5, 6, 7, 10, 11, 12, 13
P0 to P7
jam inputs
8
GND
ground (0 V)
9
PL
asynchronous preset enable input (active LOW)
14
TC
terminal count output (active LOW)
15
PE
synchronous preset enable input (active LOW)
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com