Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM85C30-8PC Datasheet(PDF) 55 Page - Advanced Micro Devices

Part # AM85C30-8PC
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30-8PC Datasheet(HTML) 55 Page - Advanced Micro Devices

Back Button AM85C30-8PC Datasheet HTML 51Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 52Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 53Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 54Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 55Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 56Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 57Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 58Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 59Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
A M E N D M E N T
AMD
2
Am85C30
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
–65
°C to +150°C
. . . . . . . . . . .
Voltage at any Pin
Relative to VSS
–0.5 to +7.0 V
. . . . . . . . . . . . . . .
Stresses above those listed under Absolute Maximum Rat-
ings may cause permanent device failure. Functionality at or
above these limits is not implied. Exposure to absolute maxi-
mum ratings for extended periods may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (TA)0
°C to +70°C
. . . . . . . . . .
Supply Voltage (VCC)
+5 V
± 10%
. . . . . . . . . . . . . . . .
Industrial (I) Devices
Ambient Temperature (TA)
–40
°C to +85°C
. . . . . . . .
Supply Voltage (VCC)5 V
± 10%
. . . . . . . . . . . . . . . . .
Military (M) Devices
Case Temperature (TC)
–55
°C to +125°C
. . . . . . . . .
Supply Voltage (VCC)5 V
± 10%
. . . . . . . . . . . . . . . . .
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
DC CHARACTERISTICS over operating range unless otherwise specified
Parameter
Parameter
Symbol
Description
Test Conditions
Min
Max
Unit
VIH
Input High Voltage
2.2
VCC +0.3*
V
VIL
Input Low Voltage
–0.3*
0.8
V
VOH1
Output High Voltage
IOH = –1.6 mA
2.4
V
VOH2
Output High Voltage
IOH = –250
µA
VCC –0.8
V
VOL
Output Low Voltage
IOL = +2.0 mA
0.4
V
IIL
Input Leakage
0.4 V
≤ VIN ≤ 2.4 V
±10.0
µA
IOL
Output Leakage
0.4 V
≤ VOUT ≤ 2.4 V
±10.0
µA
ICC1
VCC Supply Current
8.192 MHz
18
mA
10 MHz
18
mA
16.384 MHz
22
mA
20 MHz
22
mA
CIN**
Input Capacitance
10
pF
COUT**
Output Capacitance
15
pF
CI/O**
Bidirectional Capacitance
20
pF
*VIH Max and VIL Min not tested. Guaranteed by design.
**These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified
where capacitance may be affected.
Unmeasured pins returned
to ground = 1 MHz over
specified temperature range
Inputs at
voltage rails,
output unloaded
Standard Test Conditions
The characteristics below apply for the following stan-
dard test conditions, unless otherwise noted. All
voltages are referenced to GND. Positive current flows
into the referenced pin. Standard conditions are as
follows:
+4.5 V
≤ VCC ≤ +5.5 V
GND = 0 V
0
°C ≤ TA ≤ 70°C
SWITCHING TEST CIRCUITS
Threshold
Voltage
From Output
Under Test
75 pF
75 pF
2.2K
+5 V
From Output
Under Test
VT= 1.4 V
IOH = 250
µA
IOL =2 mA
Standard Test Dynamic Load Circuit
Open-Drain Test Load
10216F/1-1
10216F/1-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com