Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95640-DF Datasheet(PDF) 30 Page - STMicroelectronics

Part # M95640-DF
Description  64-Kbit serial SPI bus EEPROM with high-speed clock
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-DF Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M95640-DF Datasheet HTML 26Page - STMicroelectronics M95640-DF Datasheet HTML 27Page - STMicroelectronics M95640-DF Datasheet HTML 28Page - STMicroelectronics M95640-DF Datasheet HTML 29Page - STMicroelectronics M95640-DF Datasheet HTML 30Page - STMicroelectronics M95640-DF Datasheet HTML 31Page - STMicroelectronics M95640-DF Datasheet HTML 32Page - STMicroelectronics M95640-DF Datasheet HTML 33Page - STMicroelectronics M95640-DF Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
Instructions
M95640-W M95640-R M95640-DF
30/53
DocID16877 Rev 19
6.10
Lock ID (available only in M95640-D devices)
The Lock ID instruction permanently locks the Identification Page in read-only mode. Before
this instruction can be accepted, a Write Enable (WREN) instruction must have been
executed.
The Lock ID instruction is issued by driving Chip Select (S) low, sending the instruction
code, the address and a data byte on Serial Data Input (D), and driving Chip Select (S) high.
In the address sent, A10 must be equal to 1, all other address bits are Don't Care. The data
byte sent must be equal to the binary value xxxx xx1x, where x = Don't Care.
Chip Select (S) must be driven high after the rising edge of Serial Clock (C) that latches in
the eighth bit of the data byte, and before the next rising edge of Serial Clock (C).
Otherwise, the Lock ID instruction is not executed.
Driving Chip Select (S) high at a byte boundary of the input data triggers the self-timed write
cycle whose duration is tW (as specified in AC characteristics in Section 9: DC and AC
parameters). The instruction sequence is shown in Figure 18.
The instruction is discarded, and is not executed, under the following conditions:
•
If a Write cycle is already in progress,
•
If the Block Protect bits (BP1,BP0) = (1,1),
•
If a rising edge on Chip Select (S) happens outside of a byte boundary.
Figure 18. Lock ID sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com