Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95640-DF Datasheet(PDF) 37 Page - STMicroelectronics

Part # M95640-DF
Description  64-Kbit serial SPI bus EEPROM with high-speed clock
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-DF Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M95640-DF Datasheet HTML 33Page - STMicroelectronics M95640-DF Datasheet HTML 34Page - STMicroelectronics M95640-DF Datasheet HTML 35Page - STMicroelectronics M95640-DF Datasheet HTML 36Page - STMicroelectronics M95640-DF Datasheet HTML 37Page - STMicroelectronics M95640-DF Datasheet HTML 38Page - STMicroelectronics M95640-DF Datasheet HTML 39Page - STMicroelectronics M95640-DF Datasheet HTML 40Page - STMicroelectronics M95640-DF Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
DocID16877 Rev 19
37/53
M95640-W M95640-R M95640-DF
DC and AC parameters
41
Table 17. DC characteristics (M95640-DF, device grade 6)
Symbol
Parameter
Test conditions in addition to those
defined in Table 10(1)
Min.
Max.
Unit
ILI
Input leakage
current
VIN = VSS or VCC
-± 2
µA
ILO
Output leakage
current
S = VCC, voltage applied on Q = VSS or VCC
-± 2
µA
ICC
Supply current
(Read)
VCC = 1.7 V, max clock frequency (fC),
C = 0.1 VCC/0.9 VCC, Q = open
-2
mA
VCC = 1.7 V, fC = 5 MHz,
C = 0.1 VCC/0.9 VCC, Q = open
-2
ICC0(2)
Supply current
(Write)
VCC = 1.7 V, during tW, S = VCC
-5
mA
ICC1
Supply current
(Standby)
VCC = 1.7 V, S = VCC, VIN = VSS or VCC
-1
µA
VIL
Input low voltage
1.7 V
≤VCC < 2.5 V
–0.45
0.25 VCC
V
VIH
Input high voltage
1.7 V
≤VCC < 2.5 V
0.75 VCC
VCC+1
V
VOL
Output low voltage
IOL = 0.15 mA, VCC = 1.7 V
-
0.3
V
VOH
Output high voltage
IOH = –0.1 mA, VCC = 1.7 V
0.8 VCC
-V
1. If the application uses the M95640-DF devices at 2.5 V
≤ VCC ≤ 5.5 V and –40 °C ≤TA ≤ +85 °C, please refer to Table 15:
DC characteristics (M95640-W, device grade 6), rather than to the above table.
2. Characterized only, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com