Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5288 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC5288
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR L-BAND LOW-POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5288 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC5288 Datasheet HTML 1Page - Renesas Technology Corp 2SC5288 Datasheet HTML 2Page - Renesas Technology Corp 2SC5288 Datasheet HTML 3Page - Renesas Technology Corp 2SC5288 Datasheet HTML 4Page - Renesas Technology Corp 2SC5288 Datasheet HTML 5Page - Renesas Technology Corp 2SC5288 Datasheet HTML 6Page - Renesas Technology Corp 2SC5288 Datasheet HTML 7Page - Renesas Technology Corp 2SC5288 Datasheet HTML 8Page - Renesas Technology Corp 2SC5288 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2SC5288
Data Sheet PU10039EJ01V0DS
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
VCE = 3.6 V
500
400
300
200
100
0
0.5
1.0
1.5
VBE - Base to Emitter Voltage - V
COLLECTOR CURRENT vs. BASE TO EMITTER VOLTAGE
500
400
300
200
100
01
VCE - Collector to Emitter Voltage - V
COLLECTOR CURRENT vs. COLLECTOR TO EMITTER VOLTAGE
23
4
IB =
5.5 mA
5.0 mA
4.0 mA
3.0 mA
2.0 mA
1.0 mA
500 A
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com