Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5288 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 2SC5288
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR L-BAND LOW-POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5288 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 2SC5288 Datasheet HTML 6Page - Renesas Technology Corp 2SC5288 Datasheet HTML 7Page - Renesas Technology Corp 2SC5288 Datasheet HTML 8Page - Renesas Technology Corp 2SC5288 Datasheet HTML 9Page - Renesas Technology Corp 2SC5288 Datasheet HTML 10Page - Renesas Technology Corp 2SC5288 Datasheet HTML 11Page - Renesas Technology Corp 2SC5288 Datasheet HTML 12Page - Renesas Technology Corp 2SC5288 Datasheet HTML 13Page - Renesas Technology Corp 2SC5288 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
2SC5288
8
Data Sheet PU10039EJ01V0DS
ZIN (
Ω), ZOUT (Ω) Data
0.18
0.17
0.16
0.15
0.14
0.13
0.12
0.11
0.10
0.09
0.08
0.07
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
50
60
70
80
90
100
110
120
130
0.1
0.2
0.3
0.4
50
3.0
4.0
5.0
10
20
0.2
0.4
0.6
0.8
0.2
0.4
0.6
0.8
1.0
RESISTANCE COMPONENT
R
Zo
NE
NT
ZIN
ZOUT
VCC = 3.6 V, ICq = 1 mA, duty = 1/8
f (GHz)
Zin (
Ω)Zout (Ω)
1.9
9.85 + j1.9
23.2 – j20.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com