Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5288 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC5288
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR L-BAND LOW-POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5288 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC5288 Datasheet HTML 3Page - Renesas Technology Corp 2SC5288 Datasheet HTML 4Page - Renesas Technology Corp 2SC5288 Datasheet HTML 5Page - Renesas Technology Corp 2SC5288 Datasheet HTML 6Page - Renesas Technology Corp 2SC5288 Datasheet HTML 7Page - Renesas Technology Corp 2SC5288 Datasheet HTML 8Page - Renesas Technology Corp 2SC5288 Datasheet HTML 9Page - Renesas Technology Corp 2SC5288 Datasheet HTML 10Page - Renesas Technology Corp 2SC5288 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
2SC5288
Data Sheet PU10039EJ01V0DS
5
(VCE = 3.0 V, IC = 70 mA)
FREQUENCY
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
1 500.000 000
725.72 mU
138.48
2.9183 U
51.601
101.29
mU
50.795
413.05 mU
166.54
1 600.000 000
731.48 mU
135.64
2.7085 U
48.929
107.34
mU
49.245
422.23 mU
164.89
1 700.000 000
736.63 mU
133.22
2.5326 U
46.31
112.25
mU
47.905
423.69 mU
163.05
1 800.000 000
741.12 mU
130.55
2.3849 U
43.864
117.39
mU
47.094
430.47 mU
161.09
1 900.000 000
744.12 mU
128.14
2.244
U
41.549
122.89
mU
45.785
433.77 mU
159.47
2 000.000 000
745.43 mU
126.01
2.1246 U
39.227
127.46
mU
44.462
439.83 mU
158.28
2 100.000 000
754.57 mU
123.97
2.017
U
36.953
133.63
mU
43.227
450.55 mU
156.84
2 200.000 000
758.72 mU
121.69
1.9214 U
34.463
137.55
mU
41.607
459.09 mU
154.74
2 300.000 000
762.78 mU
119.9
1.8189 U
32.149
142.39
mU
40.26
468.51 mU
153.42
2 400.000 000
769.34 mU
117.91
1.7443 U
29.99
145.63
mU
38.636
476.88 mU
152.35
2 500.000 000
773.34 mU
115.54
1.5749 U
27.948
149.55
mU
37.522
483.41 mU
150.95
(VCE = 3.6 V, IC = 10 mA)
FREQUENCY
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
1 500.000 000
717.59 mU
145.94
2.5568 U
50.256
92.045 mU
31.534
264.79 mU
–160.24
1 600.000 000
721.79 mU
142.65
2.3759 U
46.785
95.633 mU
31.352
272.97 mU
–162.88
1 700.000 000
726.14 mU
139.73
2.2278 U
43.682
98.521 mU
32.021
279.75 mU
–165.19
1 800.000 000
730.99 mU
136.66
2.0983 U
40.895
100.75
mU
31.801
284.78 mU
–168.37
1 900.000 000
735.88 mU
133.83
1.9717 U
39.07
105.33
mU
32.224
290.08 mU
–170.47
2 000.000 000
738.72 mU
131.46
1.8724 U
35.254
109.9
mU
32.833
300.75 mU
–172.5
2 100.000 000
746.26 mU
129.08
1.7723 U
32.554
112.14
mU
32.077
309.76 mU
–174.99
2 200.000 000
751.31 mU
126.63
1.6876 U
29.787
115.73
mU
31.527
321.63 mU
–176.97
2 300.000 000
757.73 mU
124.53
1.5969 U
26.958
119.23
mU
31.539
334.37 mU
–179.34
2 400.000 000
763.91 mU
122.26
1.5288 U
24.513
123
mU
31.017
344.92 mU
179.12
2 500.000 000
768.38 mU
120.18
1.4633 U
22.183
126.73
mU
30.537
351.87 mU
177.44
(VCE = 3.6 V, IC = 30 mA)
FREQUENCY
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
1 500.000 000
713.07 mU
140.66
2.9625 U
51.575
98.097 mU
45.986
362.4
mU
172.97
1 600.000 000
718.69 mU
137.69
2.7547 U
48.925
103.33
mU
44.731
369.83 mU
170.83
1 700.000 000
723.22 mU
135.16
2.5811 U
46.187
108.37
mU
43.923
373.87 mU
169.06
1 800.000 000
727.69 mU
132.37
2.4303 U
43.705
112.28
mU
43.473
381.62 mU
167.22
1 900.000 000
731.26 mU
129.83
2.2862 U
41.155
117.6
mU
42.448
386.58 mU
165.65
2 000.000 000
735.67 mU
127.74
2.1601 U
38.757
123.17
mU
41.961
393.17 mU
163.72
2 100.000 000
742.78 mU
125.5
2.0563 U
36.315
126.96
mU
40.232
403.87 mU
161.54
2 200.000 000
746.79 mU
123.23
1.9502 U
33.768
132.97
mU
38.837
410.23 mU
160.05
2 300.000 000
751.76 mU
121.24
1.8485 U
31.47
136.92
mU
37.811
419.26 mU
158.59
2 400.000 000
758.8
mU
119.3
1.7722 U
29.162
140.21
mU
36.646
427.16 mU
157.21
2 500.000 000
762.91 mU
117.21
1.6974 U
27.198
143.33
mU
35.692
433.11 mU
156.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com