Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT01 Datasheet(PDF) 3 Page - CUI Devices

Part # PT01
Description  ROTARY POTENTIOMETER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PT01 Datasheet(HTML) 3 Page - CUI Devices

  PT01 Datasheet HTML 1Page - CUI Devices PT01 Datasheet HTML 2Page - CUI Devices PT01 Datasheet HTML 3Page - CUI Devices PT01 Datasheet HTML 4Page - CUI Devices PT01 Datasheet HTML 5Page - CUI Devices PT01 Datasheet HTML 6Page - CUI Devices PT01 Datasheet HTML 7Page - CUI Devices PT01 Datasheet HTML 8Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CUI DEVICES | SERIES: PT01 | DESCRIPTION: ROTARY POTENTIOMETER
date 08/05/2022 | page 3 of 8
cuidevices.com
SHAFT TYPES
D Type
K1 Type
K2 Type
F
L ± 0.5
(.020)
4.5
(.177)
6.0 +0.0/-0.1
(.236 +.000/-.004)
18 TEETH KNURL
A
L ± 0.5
(.020)
6.0 +0.0/-0.1
(.236 +.000/-.004)
1.0
(.039)
4
(0.157)
40 TEETH KNURL
1.5
(.059)
3.1
(.122)
A
L ± 0.5
(.020)
0.7
(.028)
6.0 +0.0/-0.1
(.236 +.000/-.004)
15D
20D
25D
30D
L
15
20
25
30
F
6
7
12
12
units: mm [inch]
tolerance: ±0.3 mm
unless otherwise noted
15K1
20K1
25K1
30K1
L
15
20
25
30
A
6
7
12
12
15K2
20K2
25K2
30K2
L
15
20
25
30
A
6
7
12
12
MECHANICAL DRAWING (HORIZONTAL/REAR MOUNT W/SLEEVE BUSHING)
units: mm [inch]
tolerance:
X≤10: ±0.3 mm
10<X≤30: ±0.5 mm
30<X≤100: ±1.0 mm
unless otherwise noted
2.0
(.079)
7.0
(.276)
5.5
(.217)
6.8
(.268)
DIA.
F
L± 0.5
(.020)
3.8
(.150)
4.5
(.177)
6.8
(.268)
10
(.394)
40 ° ±10 °
FULL CCW POSITION
3 PLCS.
5.5
(.216)
1.5
(.059)
5.0
(.196)
11.4
(.449)
2 PLCS.
3 PLCS.
1.8
+0.2
-0.0
(.071
)
+0.008
-0.0
2 PLCS.
2.2
+0.2
-0.0
(.087
)
+0.008
-0.0
10.6
(.417)
5.0
(.197)
1.0
+0.2
-0.0
(.039
)
+0.008
-0.0
7.0
(.276)
12 3
Recommended PCB Layout
Top View
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
A
base
PBT (UL94V-0)
black
B
shaft
PC (UL94V-0)
black
C
reed
nickel-zinc alloy
D
bracket
iron
bright tin
E
terminals
cold rolled steel
dark tin
Additional Resources: Product Page | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com