Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT01 Datasheet(PDF) 4 Page - CUI Devices

Part # PT01
Description  ROTARY POTENTIOMETER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PT01 Datasheet(HTML) 4 Page - CUI Devices

  PT01 Datasheet HTML 1Page - CUI Devices PT01 Datasheet HTML 2Page - CUI Devices PT01 Datasheet HTML 3Page - CUI Devices PT01 Datasheet HTML 4Page - CUI Devices PT01 Datasheet HTML 5Page - CUI Devices PT01 Datasheet HTML 6Page - CUI Devices PT01 Datasheet HTML 7Page - CUI Devices PT01 Datasheet HTML 8Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CUI DEVICES | SERIES: PT01 | DESCRIPTION: ROTARY POTENTIOMETER
date 08/05/2022 | page 4 of 8
cuidevices.com
MECHANICAL DRAWING (VERTICAL/SIDE MOUNT, BUSHINGLESS, 10 MM HEIGHT)
units: mm [inch]
tolerance:
X≤10: ±0.3 mm
10<X≤30: ±0.5 mm
30<X≤100: ±1.0 mm
unless otherwise noted
2 PLCS.
3 PLCS.
12 3
2.0
(.078)
3.3
(.129)
2.4
(.094)
6.8
(.267)
1.8
+0.2
-0.0
(.071
)
+0.008
-0.0
2 PLCS.
2.2
+0.2
-0.0
(.087
)
+0.008
-0.0
8.2
(.323)
5.0
(.197)
1.0
+0.2
-0.0
(.039
)
+0.008
-0.0
3.3
(.130)
3.8
(.150)
10.0
(.394)
5.5
(.217)
F
L ±
0.5
(.020)
1.0
(.039)
10
(.394)
40 ° ±10 °
FULL CCW POSITION
3 PLCS.
0.8
(.031)
5.0
(.196)
7.4
(.291)
Recommended PCB Layout
Top View
MECHANICAL DRAWING (VERTICAL/SIDE MOUNT, BUSHINGLESS, 6.5 MM HEIGHT)
units: mm [inch]
tolerance:
X≤10: ±0.3 mm
10<X≤30: ±0.5 mm
30<X≤100: ±1.0 mm
unless otherwise noted
2.0
(.078)
3.3
(.129)
2.4
(.094)
6.8
(.267)
3.8
(.150)
6.5
(.256)
5.5
(.217)
F
L ±
0.5
(.020)
1.0
(.039)
10
(.394)
40 ° ±10 °
FULL CCW POSITION
3 PLCS.
0.8
(.031)
5.0
(.196)
7.4
(.291)
2 PLCS.
3 PLCS.
12 3
1.8
+0.2
-0.0
(.071
)
+0.008
-0.0
2 PLCS.
2.2
+0.2
-0.0
(.087
)
+0.008
-0.0
8.2
(.323)
5.0
(.197)
1.0
+0.2
-0.0
(.039
)
+0.008
-0.0
3.3
(.130)
Recommended PCB Layout
Top View
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
A
base
PBT (UL94V-0)
black
B
shaft
PC (UL94V-0)
black
C
reed
nickel-zinc alloy
D
bracket
iron
bright tin
E
terminals
cold rolled steel
dark tin
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
A
base
PBT (UL94V-0)
black
B
shaft
PC (UL94V-0)
black
C
reed
nickel-zinc alloy
D
bracket
iron
bright tin
E
terminals
cold rolled steel
dark tin
Additional Resources: Product Page | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com