Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA309A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA309A
Description  Multi-channel digital audio processor with DDX®
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309A Datasheet(HTML) 1 Page - STMicroelectronics

  STA309A Datasheet HTML 1Page - STMicroelectronics STA309A Datasheet HTML 2Page - STMicroelectronics STA309A Datasheet HTML 3Page - STMicroelectronics STA309A Datasheet HTML 4Page - STMicroelectronics STA309A Datasheet HTML 5Page - STMicroelectronics STA309A Datasheet HTML 6Page - STMicroelectronics STA309A Datasheet HTML 7Page - STMicroelectronics STA309A Datasheet HTML 8Page - STMicroelectronics STA309A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
This is information on a product in full production.
April 2022
DocID13855 Rev 6
1/71
STA309A
Multi-channel digital audio processor with DDX®
Datasheet
- production data
Features
• 8 channels of 24-bit DDX® (direct digital
amplification)
• >100 dB of SNR and dynamic range
• Selectable 32 kHz - 192 kHz input sample rates
• 6 channels of DSD/SACD input
• Digital gain/attenuation +58 dB to -100 dB in
0.5-dB steps
• Soft volume update
• Individual channel and master gain/attenuation
plus channel trim (-10 dB to +10 dB)
• Up to 10 independent 32-bit user
programmable biquads (EQ) per channel
• Bass/treble tone control
• Pre and post EQ full 8-channel input mix on all
8 channels
• Dual independent limiters/compressors
• Dynamic range compression
• Automode™:
– 5-band graphic EQ
– 32 preset EQ curves (rock, jazz, pop, etc.)
– Automatic volume controlled loudness
– 5.1 to 2-channel downmix
– Simultaneous 5.1- and 2-channel downmix
outputs
– 3 preset volume curves
– 2 preset anti-clipping modes
– Preset movie nighttime listening mode
– Preset TV channel/commercial AGC mode
– 5.1, 2.1 bass management configurations
– 8 preset crossover filters
• Individual channel and master soft/hard mute
• Automatic zero-detect and invalid input mute
• Automatic invalid input detect mute
• Advanced PopFree operation
• Advanced AM interference frequency
switching and noise suppression modes
• I2S output channel mapping function
• Independent channel volume and DSP bypass
• Channel mapping of any input to any
processing/DDX® channel
• DC blocking selectable high-pass filter
• Selectable per-channel DDX® damped ternary
or binary PWM output
• Max power correction for lower full-power THD
• Variable per channel DDX® output delay control
• 192 kHz internal processing sample rate, 24-bit
to 36-bit precision
Description
The STA309A is a single chip solution for digital
audio processing and control in multi-channel
applications. It provides output capabilities for
DDX®. In conjunction with a DDX® power device,
the STA309A provides high-quality,
high-efficiency, all digital amplification. The device
is extremely versatile, allowing inputs of most
digital formats including 6.1/7.1-channel and
192 kHz, 24-bit DVD-audio, DSD/SACD. In 5.1
applications the additional 2 channels can be
used for audio line-out or headphone drive. In
speaker mode, with 8 channel outputs in parallel,
the STA309A can deliver more than 1 W.
Table 1. Device summary
Order code
Package
STA309A13TR
TQFP64
www.st.com


Similar Part No. - STA309A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA309A SANKEN-STA309A Datasheet
31Kb / 1P
PNP Darlington General purpose/3-phase motor drive
logo
STMicroelectronics
STA309A STMICROELECTRONICS-STA309A Datasheet
663Kb / 67P
Multi-channel digital audio processor with DDX
Sep-2007
STA309A STMICROELECTRONICS-STA309A Datasheet
598Kb / 67P
Multi-channel digital audio processor with DDX
12-Oct-2009
STA309A13TR STMICROELECTRONICS-STA309A13TR Datasheet
598Kb / 67P
Multi-channel digital audio processor with DDX
12-Oct-2009
STA309A STMICROELECTRONICS-STA309A_07 Datasheet
663Kb / 67P
Multi-channel digital audio processor with DDX
Sep-2007
More results

Similar Description - STA309A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA304 STMICROELECTRONICS-STA304 Datasheet
335Kb / 30P
DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
rev. 2.1
STA308 STMICROELECTRONICS-STA308 Datasheet
258Kb / 33P
MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX?
Dec-2002
logo
Texas Instruments
TAS3002 TI-TAS3002 Datasheet
350Kb / 74P
Digital Audio Processor With Codec
logo
STMicroelectronics
8169 STMICROELECTRONICS-8169 Datasheet
338Kb / 30P
DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
Mar-2002
STA306 STMICROELECTRONICS-STA306 Datasheet
232Kb / 33P
MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX
Oct-2003
logo
YAMAHA CORPORATION
YSS944 YAMAHA-YSS944 Datasheet
906Kb / 34P
ADAMB Advanced Digital Audio Multi channel decode processor
logo
STMicroelectronics
STA308A STMICROELECTRONICS-STA308A_07 Datasheet
598Kb / 63P
Multi-channel digital audio processor with DDX TM
Jul-2007
STA309A STMICROELECTRONICS-STA309A_07 Datasheet
663Kb / 67P
Multi-channel digital audio processor with DDX
Sep-2007
STA309A13TR STMICROELECTRONICS-STA309A13TR Datasheet
598Kb / 67P
Multi-channel digital audio processor with DDX
12-Oct-2009
logo
Texas Instruments
TAS3002 TI1-TAS3002_14 Datasheet
289Kb / 55P
Digital Audio Processor With Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com