Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA309A Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA309A
Description  Multi-channel digital audio processor with DDX®
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA309A Datasheet HTML 8Page - STMicroelectronics STA309A Datasheet HTML 9Page - STMicroelectronics STA309A Datasheet HTML 10Page - STMicroelectronics STA309A Datasheet HTML 11Page - STMicroelectronics STA309A Datasheet HTML 12Page - STMicroelectronics STA309A Datasheet HTML 13Page - STMicroelectronics STA309A Datasheet HTML 14Page - STMicroelectronics STA309A Datasheet HTML 15Page - STMicroelectronics STA309A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
Pin connections
STA309A
12/71
DocID13855 Rev 6
48
3.3-V capable TTL 16mA
output buffer
OUT2A
PWM channel 2 output A
49
3.3-V capable TTL 16mA
output buffer
OUT1B
PWM channel 1 output B
50
3.3-V capable TTL 16mA
output buffer
OUT1A
PWM channel 1 output A
51
3.3-V capable TTL 4mA
output buffer
EAPD
Ext. amp power-down
55
3.3-V capable TTL 2mA
output buffer
BICKO
Output serial clock
56
3.3-V capable TTL 2mA
output buffer
LRCKO
Output left/right clock
57
3.3-V capable TTL 2mA
output buffer
SDO_12
Output serial data channels 1 and 2
58
3.3-V capable TTL 2mA
output buffer
SDO_34
Output serial data channels 3 and 4
62
3.3-V capable TTL 2mA
output buffer
SDO_56
Output serial data channels 5 and 6
63
3.3-V capable TTL 2mA
output buffer
SDO_78
Output serial data channels 7 and 8
64
5-V tolerant TTL Schmitt
trigger input buffer
PWDN
Device power-down
3,12,28,35,
44,52,59
3.3-V digital supply voltage
VDD
3.3-V supply
2,4,13,27,
36,45,53,60
Digital ground
GND
Ground
5, 14, 22,
26,37,46,54,
61
-
NC
No internal connection
Table 2. Pin description (continued)
Pin
Type
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com