Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA309A Datasheet(PDF) 31 Page - STMicroelectronics

Part # STA309A
Description  Multi-channel digital audio processor with DDX®
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309A Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STA309A Datasheet HTML 27Page - STMicroelectronics STA309A Datasheet HTML 28Page - STMicroelectronics STA309A Datasheet HTML 29Page - STMicroelectronics STA309A Datasheet HTML 30Page - STMicroelectronics STA309A Datasheet HTML 31Page - STMicroelectronics STA309A Datasheet HTML 32Page - STMicroelectronics STA309A Datasheet HTML 33Page - STMicroelectronics STA309A Datasheet HTML 34Page - STMicroelectronics STA309A Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 71 page
background image
DocID13855 Rev 6
31/71
STA309A
Registers
71
7.2.7
Configuration register G (0x06)
The STA309A features a DDX processing mode that minimizes the amount of noise
generated in frequency range of AM radio. This mode is intended for use when DDX is
operating in a device with an AM tuner active. The SNR of the DDX processing is reduced to
~83 dB in this mode, which is still greater than the SNR of AM radio.
The STA309A features a 2 DDX processing modes that minimize the amount of noise
generated in frequency range of AM radio. This second mode is intended for use when DDX
is operating in a device with an AM tuner active. This mode eliminates the noise-shaper.
Channels 7 and 8 can be configured to be processed and output in such a manner that
headphones can be driven using and appropriate output device. This signal is a differential
3-wire drive called DDX Headphone.
D7
D6
D5
D4
D3
D2
D1
D0
MPCV
DCCV
HPE
AM2E
AME
COD
SID
PWMD
0
0
0
0
0
0
0
0
Table 34. Register G bit definitions
Bit
RW
RST
Name
Description
0
RW
0
PWMD
PWM output disable:
0: PWM output normal
1: no PWM output
1
RW
0
SID
Serial interface (I2S out) disable:
0: I2S output normal
1: no I2S output
2
RW
0
COD
Clock output disable:
0: clock output normal
1: no clock output
3
RW
0
AME
AM mode enable:
0: normal DDX operation.
1: AM reduction mode DDX operation.
Table 35. AM2E bit
Bit
RW
RST
Name
Description
4
RW
0
AM2E
AM2 mode enable:
0: normal DDX operation.
1: AM2 reduction mode DDX operation.
Table 36. HPE bit
Bit
RW
RST
Name
Description
5
RW
0
HPE
DDX headphone enable:
0: channels 7 and 8 normal DDX operation
1: channels 7 and 8 headphone operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com