Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5628 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5628
Description  Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5628 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5628 Datasheet HTML 9Page - Analog Devices AD5628 Datasheet HTML 10Page - Analog Devices AD5628 Datasheet HTML 11Page - Analog Devices AD5628 Datasheet HTML 12Page - Analog Devices AD5628 Datasheet HTML 13Page - Analog Devices AD5628 Datasheet HTML 14Page - Analog Devices AD5628 Datasheet HTML 15Page - Analog Devices AD5628 Datasheet HTML 16Page - Analog Devices AD5628 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Preliminary Technical Data
AD5628/AD5648/AD5668
Rev. PrA| Page 13 of 24
AD5628/AD5648/AD5668–TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4. Typical INL Plot
Figure 5. Typical DNL Plot
Figure 6. Typical Total Unadjusted Error Plot
Figure 7. INL Error and DNL Error vs. Temperature
Figure 8. Zero-Scale Error and Full-Scale Error vs. Temperature
Figure 9. IDD Histogram with VDD=3V and VDD=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com