Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5628 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5628
Description  Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5628 Datasheet(HTML) 2 Page - Analog Devices

  AD5628 Datasheet HTML 1Page - Analog Devices AD5628 Datasheet HTML 2Page - Analog Devices AD5628 Datasheet HTML 3Page - Analog Devices AD5628 Datasheet HTML 4Page - Analog Devices AD5628 Datasheet HTML 5Page - Analog Devices AD5628 Datasheet HTML 6Page - Analog Devices AD5628 Datasheet HTML 7Page - Analog Devices AD5628 Datasheet HTML 8Page - Analog Devices AD5628 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD5628/AD5648/AD5668
Preliminary Technical Data
Rev.PrA | Page 2 of 24
TABLE OF CONTENTS
Features .......................................................................................... 1
Applications................................................................................... 1
General Description..................................................................... 1
Product Highlights ....................................................................... 1
AD5628/AD5648/AD5668–Specifications ................................... 3
Timing Characteristics..................................................................... 9
Pin Configuration and Function Descriptions........................... 10
Absolute Maximum Ratings.......................................................... 11
ESD Caution................................................................................ 11
Terminology ................................................................................ 11
AD5628/AD5648/AD5668–Typical Performance
Characteristics ................................................................................ 13
General Description................................................................... 16
Serial Interface ............................................................................ 16
Microprocessor Interfacing............................................................
Applications .....................................................................................
Outline Dimensions ....................................................................... 23
Ordering Guide ...............................................................................
REVISION HISTORY
Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com