Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5628 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5628
Description  Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5628 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5628 Datasheet HTML 16Page - Analog Devices AD5628 Datasheet HTML 17Page - Analog Devices AD5628 Datasheet HTML 18Page - Analog Devices AD5628 Datasheet HTML 19Page - Analog Devices AD5628 Datasheet HTML 20Page - Analog Devices AD5628 Datasheet HTML 21Page - Analog Devices AD5628 Datasheet HTML 22Page - Analog Devices AD5628 Datasheet HTML 23Page - Analog Devices AD5628 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Preliminary Technical Data
AD5628/AD5648/AD5668
Rev. PrA| Page 21 of 24
Clear Code Register
The AD5628/AD5648/AD5668 gives the option of clearing any one or all DAC channels to 0, midscale or fullscale code. Command 0101
is reserved for the Clear Code function. See Table1. These clear code values are software-programmable by setting two bits (DB1 and
DB0) in the control register.
Table shows how the state of the bits corresponds to the clear code values of the device. Upon execution of the hardware /CLR pin
(active LOW), the DAC output is cleared to the clear code register value (default setting is zero). See Table 8 for contents of the Input
Shift Register during the Clear Code Register operation. The part will exit Clear code mode on the 32nd falling edge of the next write to
the part.
Clear Code Register
CR1
CR0
Clears to code
0
0
0000h
0
1
8000h
1
0
FFFFh
1
1
No operation
Table 7. Clear Code Register
MSB
LSB
DB31 –
DB28
DB27
DB26
DB25
DB24
DB23
DB22
DB21
DB20
DB2-
DB19
DB1
DB0
X
0
1
0
1
1/0
1/0
1/0
1/0
x
1/0
1/0
Don’t
Cares
COMMAND BITS (C2-C0)
ADDRESS BITS (A3 – A0)
Don’t
Cares
Clear Code
Register (CR1-
CR0)
Table 8. 32-Bit Input Shift Register Contents Clear Code Function
LDAC Function
The outputs of all DACs may be updated simultaneously using the hardware /LDAC pin.
Synchronous LDAC:
The DAC registers are updated after new data is read in on the falling edge of the 32nd SCLK pulse. LDAC can be
permanently low or pulsed as in Figure 1.
Asynchronous LDAC:
The outputs are not updated at the same time that the input registers are written to. When LDAC goes low, the
DAC registers are updated with the contents of the input register.
The outputs of all DACs may be updated simultaneously using the /LDAC function, with the added functionality of selecting through
software any number of DAC channels to synchronize.
Writing to the DAC using command 0110, the hardware /LDAC pin can be overwritten by setting the bits of the 8-bit /LDAC register
(DB7-DB0) . SeeTable 9 for the /LDAC mode of operation. The default for each channel is “0” ie /LDAC pin works normally. Setting the
bits to a “1” means the DAC channel will be updated regardless of the state of the /LDAC pin. This gives the added benefit of allowing
any combination of channels to be synchronously updated. See Table 10 for contents of the Input Shift Register during the /LDAC
overwrite mode of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com