Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW52212 Datasheet(PDF) 15 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 15 Page - Silicon Laboratories

Back Button SW52212 Datasheet HTML 11Page - Silicon Laboratories SW52212 Datasheet HTML 12Page - Silicon Laboratories SW52212 Datasheet HTML 13Page - Silicon Laboratories SW52212 Datasheet HTML 14Page - Silicon Laboratories SW52212 Datasheet HTML 15Page - Silicon Laboratories SW52212 Datasheet HTML 16Page - Silicon Laboratories SW52212 Datasheet HTML 17Page - Silicon Laboratories SW52212 Datasheet HTML 18Page - Silicon Laboratories SW52212 Datasheet HTML 19Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 71 page
background image
Parameter
Symbol
Condition
Min
Typ
Max
Unit
LVCMOS – REF (VDD = 1.8 V ±5%)
Long Accuracy
ppm
Variation from reference
frequency
0
ppm
Clock Period
TPERIOD
25 MHz output
—
40
—
ns
Slew Rate
Trf
Byte 2[1:0] = 48 (Slowest), 20% to
80% of VDDREF
—
0.7
1.3
V/ns
Byte 2[1:0] = 49 (Slow), 20% to
80% of VDDREF
—
1.0
1.6
V/ns
Byte 2[1:0] = 4A (Fast), 20% to
80% of VDDREF
—
1.1
1.9
V/ns
Byte 2[1:0] = 4B (Fastest), 20% to
80% of VDDREF
—
1.2
2.0
V/ns
Duty Cycle1
TDC_REF
VT = VDD/2 V
45
50
55
%
Cycle-to-Cycle Jitter
TCCJ_REF
VT = VDD/2 V using "SLOW" Set-
ting
—
30
50
ps
Phase Jitter
RMSREF
12 kHz to 5 MHz
—
0.3
0.4
ps
REF Noise Floor
TJ1kHz_REF
1 kHz offset
—
–132
–124
dBc
REF Noise Floor
TJ10kHz_REF
10 kHz offset to Nyquist
—
–145
–139
dBc
DIFF HCSL
Duty Cycle
TDC
Measured at 0 V differential
45
50
55
%
Output-to-Output Skew
TSKEW
Measured at 0 V differential
—
10
50
ps
Slew Rate
TR/TF
Measured differentially from
±150 mV (fast setting)
—
2.4
3.7
V/ns
Measured differentially from
±150 mV (slow setting)
—
1.9
2.9
V/ns
Slew Rate Matching
Delta TR/TF
—
2
10
%
Max modulation frequency
df/dt
Tmax-freqmod-
slew
—
—
1250
ppm/usec
Voltage High
VHIGH
600
—
850
mV
Voltage Low
VLOW
–150
—
150
mV
Max Voltage
VMAX
—
750
1150
mV
Min Voltage
VMIN
–300
0
—
mV
Crossing Point Voltage
VOX
Absolute crossing point voltage at
0.7 V Swing
250
—
550
mV
Crossing Point Voltage (var)
VOX_DELTA
Variation of VOX over all rising
clock edges
—
35
70
mV
Modulation Frequency
FMOD
30
31.5
33
kHz
Enable/Disable and Setup
Clock Stabilization from
Power-up
TSTABLE
Min ramp rate 200V/s
—
1
5
ms
Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.0 | 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com