Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW52212 Datasheet(PDF) 38 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 38 Page - Silicon Laboratories

Back Button SW52212 Datasheet HTML 34Page - Silicon Laboratories SW52212 Datasheet HTML 35Page - Silicon Laboratories SW52212 Datasheet HTML 36Page - Silicon Laboratories SW52212 Datasheet HTML 37Page - Silicon Laboratories SW52212 Datasheet HTML 38Page - Silicon Laboratories SW52212 Datasheet HTML 39Page - Silicon Laboratories SW52212 Datasheet HTML 40Page - Silicon Laboratories SW52212 Datasheet HTML 41Page - Silicon Laboratories SW52212 Datasheet HTML 42Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 71 page
background image
Table 8.14. Control Register 3. Byte 3
Bit
Name
If Bit = 0
If Bit = 1
Type
Default
Function
7
Reserved
RW
1
Reserved
6
SR_SEL_DIFF_4
Slow setting
Fast setting
RW
1
Slew rate control for DIFF_4
5
SR_SEL_DIFF_3
Slow setting
Fast setting
RW
1
Slew rate control for DIFF_3
4
Reserved
RW
1
Reserved
3
Reserved
RW
1
Reserved
2
SR_SEL_DIFF_2
Slow setting
Fast setting
RW
1
Slew rate control for DIFF_2
1
SR_SEL_DIFF_1
Slow setting
Fast setting
RW
1
Slew rate control for DIFF_1
0
SR_SEL_DIFF_0
Slow setting
Fast setting
RW
1
Slew rate control for DIFF_0
Table 8.15. Control Register 4. Byte 4
Bit
Name
If Bit = 0
If Bit = 1
Type
Default
Function
7
SR_SEL_DIFF_7
Slow setting
Fast setting
RW
1
Slew rate control for DIFF_7
6
SR_SEL_DIFF_6
Slow setting
Fast setting
RW
1
Slew rate control for DIFF_6
5
Reserved
RW
1
Reserved
4
SR_SEL_DIFF_5
Slow setting
Fast setting
RW
1
Slew rate control for DIFF_5
3
AMP
RW
1
DIFF Differential Outputs Amplitude
Adjustment.
0110 : 600 mV
0111 : 650 mV
1000 : 700 mV
1001 : 750 mV
1010 : 800 mV
1011 : 850 mV
2
AMP
RW
0
1
AMP
RW
0
0
AMP
RW
0
Table 8.16. Control Register 5. Byte 5
Bit
Name
If Bit = 0
If Bit = 1
Type
Default
Function
7
Rev Code [7:4]
R
0
Revision Code
6
R
0
5
R
0
4
R
0
3
Vendor ID[3:0]
R
1
Vendor Identification Code
2
R
0
1
R
0
0
R
0
Data Sheet
Control Registers
silabs.com | Building a more connected world.
Rev. 1.0 | 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com