Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM4E Datasheet(PDF) 7 Page - ATMEL Corporation

Part # SAM4E
Description  SAM4E Microcontrollers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4E Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button SAM4E Datasheet HTML 3Page - ATMEL Corporation SAM4E Datasheet HTML 4Page - ATMEL Corporation SAM4E Datasheet HTML 5Page - ATMEL Corporation SAM4E Datasheet HTML 6Page - ATMEL Corporation SAM4E Datasheet HTML 7Page - ATMEL Corporation SAM4E Datasheet HTML 8Page - ATMEL Corporation SAM4E Datasheet HTML 9Page - ATMEL Corporation SAM4E Datasheet HTML 10Page - ATMEL Corporation SAM4E Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
SAM4E-EK Evaluation Kit [USER GUIDE]
Atmel-42067C-SAM4E-EK_UserGuide_022016
7
7
4.2
Features List
The main board components and interfaces:
SAM4E16 chip BGA144 package with optional socket footprint
12MHz crystal
32.768kHz crystal
Optional SMB connector for external system clock input
NAND Flash
2.8 inch TFT color LCD display with touch panel and backlight
UART port with RS232 driver
USART port with RS232 driver multiplexed with RS485 function with driver
CAN port with driver
Mono/stereo headphone jack output
One Ethernet physical transceiver layer with RJ45 connector
SD/MMC interface
Reset button: NRST
User buttons: WAKU, TAMP, Scroll-up, and Scroll-down
QTouch® buttons: Left, Right, and Slider
Full Speed USB device port
JTAG/ICE port
On-board power regulation
Three user LEDs
Power LED
BNC connector for ADC input
BNC connector for DAC output
User potentiometer connected to the ADC input
ZigBee® connector
PIO connection interfaces (PIOA, PIOC and PIOD with 32-bit, PIOB with 16-bit, and PIOE with 6-
bit)
4.3
Function Blocks
4.3.1
Processor
The Atmel SAM4E-EK is equipped with a SAM4E16 device in BGA144 package.
4.3.2
Memory
The SAM4E16 chip embeds:
1024kB of embedded Flash
128kB of embedded SRAM
16kB of ROM with embedded boot loader routines (UART, USB) and In-Application Programming
functions (IAP) routines
The SAM4E16 features an External Bus Interface (EBI) that permits interfacing to a broad range of
external memories and virtually to any parallel peripheral.
The SAM4E-EK board is equipped with one NAND Flash MT29F2G08ABAEA on the EBI. This can
change to other type of flash by setting the Static Memory Controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com