Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM4E Datasheet(PDF) 20 Page - ATMEL Corporation

Part # SAM4E
Description  SAM4E Microcontrollers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4E Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button SAM4E Datasheet HTML 16Page - ATMEL Corporation SAM4E Datasheet HTML 17Page - ATMEL Corporation SAM4E Datasheet HTML 18Page - ATMEL Corporation SAM4E Datasheet HTML 19Page - ATMEL Corporation SAM4E Datasheet HTML 20Page - ATMEL Corporation SAM4E Datasheet HTML 21Page - ATMEL Corporation SAM4E Datasheet HTML 22Page - ATMEL Corporation SAM4E Datasheet HTML 23Page - ATMEL Corporation SAM4E Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
SAM4E-EK Evaluation Kit [USER GUIDE]
Atmel-42067C-SAM4E-EK_UserGuide_022016
2
0
20
4.3.16.3
Analog Output
The BNC connector CM2 is connected to the DAC port PB14 and provides an external analog output. An
on-
board 50Ω resistor termination can be enabled by closing jumper J31. A filter can be implemented on
this output channel by replacing R88 and C71 with appropriate resistor and capacitor values, depending
on the application requirements.
Figure 4-18.
DAC Output
4.3.17 QTouch Elements
QTouch keys consist in a series of sensors formed by the association of a copper area and the capacitive
effect of human fingers approaching it.
Keys
The Atmel SAM4E-EK implements two individual capacitive touch keys (RIGHT, LEFT).
Slider
A group of channels forms a Slider. A Slider is composed of eight channels for a QTouch acquisition
method. Such a sensor is used to detect a linear finger displacement on a sensitive area. A typical
implementation is volume control.
Figure 4-19.
QT_Slider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com