Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM4E Datasheet(PDF) 17 Page - ATMEL Corporation

Part # SAM4E
Description  SAM4E Microcontrollers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4E Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button SAM4E Datasheet HTML 13Page - ATMEL Corporation SAM4E Datasheet HTML 14Page - ATMEL Corporation SAM4E Datasheet HTML 15Page - ATMEL Corporation SAM4E Datasheet HTML 16Page - ATMEL Corporation SAM4E Datasheet HTML 17Page - ATMEL Corporation SAM4E Datasheet HTML 18Page - ATMEL Corporation SAM4E Datasheet HTML 19Page - ATMEL Corporation SAM4E Datasheet HTML 20Page - ATMEL Corporation SAM4E Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
SAM4E-EK Evaluation Kit [USER GUIDE]
Atmel-42067C-SAM4E-EK_UserGuide_022016
1
7
17
Figure 4-13.
JTAG Interface
4.3.14 Audio Interface
The Atmel SAM4E-EK evaluation kit supports mono/stereo audio driven by a TPA0223 audio amplifier
connected to two DAC channels of the microcontroller.
The TPA0223 is a 2W mono Bridge-Tied-Load (BTL) amplifier designed to drive speakers with as low as
4Ω impedance. The amplifier can be reconfigured on the fly to drive two stereo Single-Ended (SE) signals
into head phones.
Figure 4-14.
Headphone Output
Using a readily available 1/8-in. (3.5mm) stereo headphone jack, the control switch (pin4 and pin5 in J24)
is closed when no plug is inserted. When closed, a 100kΩ/1kΩ divider pulls the ST/MN input low. When a
jack plug is inserted, the 1kΩ resistor is disconnected and the ST/MN input is pulled high. The mono
speaker (J22 connector) is also physically disconnected from the RO/MO+ output so that no sound is
heard from the speaker while the headphones are inserted.
When works as stereo mode make sure J25, J27, and J26 are disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com