Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFP01 Datasheet(PDF) 113 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 113 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 109Page - Silicon Laboratories EFP01 Datasheet HTML 110Page - Silicon Laboratories EFP01 Datasheet HTML 111Page - Silicon Laboratories EFP01 Datasheet HTML 112Page - Silicon Laboratories EFP01 Datasheet HTML 113Page - Silicon Laboratories EFP01 Datasheet HTML 114Page - Silicon Laboratories EFP01 Datasheet HTML 115Page - Silicon Laboratories EFP01 Datasheet HTML 116Page - Silicon Laboratories EFP01 Datasheet HTML 117Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 158 page
background image
6.2.20 CCC_LSBY
Offset
Bit Position
0x1A
7
6
5
4
3
2
1
0
Reset
0x00
Access
Name
Table 6.20. CCC_LSBY
Bit
Name
Reset
Access
Description
7:0
CCC_LSBY
0x00
read-only
Least significant byte of Coulomb counter for VOC in
LDOC stand-alone mode. Each count represents a num-
ber of PFM pulses, determined by the prescaler setting
(CC_CTRL.CC_PRESCL).
Note that during the calibratin of all 3 Coulomb Counters,
the CCC counter is used for counting the 10MHz clock cy-
cles that occur during the calibration event. Until the next
subsequent CC_CLR event, reading the CCC_MSBY and
CCC_LSBY registers returns the 16-bit result from the
10MHz counting operation. To preserve any existing count
in the CCC counter, firmware should read and store the
CCC registers before initiating a Coulomb Counter calibra-
tion event.
Note that this value is spread over 2 registers and may be
continuously updated. To ensure that the capture of the
register is not corrupted by changes during the capture
process, addressing this read-only register causes an in-
hibition in the updating of the register. Because this can
result in some small amount of missed Coulomb counter
counts, users should address these registers only when
they are actively reading them.
To ensure coherence when reading the most significant
and least significant bytes, a MSBY register read causes
the corresponding LSBY register value to be stored into a
shadow register. Reading the LSBY register will then re-
turn the value stored in the LSBY shadow register.
EFP01 Energy Friendly PMIC Family Data Sheet
Register Definitions
silabs.com | Building a more connected world.
Rev. 1.3 | 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com