Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705JJ7GRS/D Datasheet(PDF) 181 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 181 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 177Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 178Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 179Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 180Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 181Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 182Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 183Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 184Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 185Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 230 page
background image
EPROM/OTPROM
EPROM Registers
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
EPROM/OTPROM
Whenever the ELAT bit is cleared, the EPGM bit is also cleared. Both
the EPGM and the ELAT bit cannot be set using the same write
instruction. Any attempt to set both the ELAT and EPGM bit on the same
write instruction cycle will result in the ELAT bit being set and the EPGM
bit being cleared. To program a byte of EPROM, manipulate the EPROG
register as follows:
1. Set the ELAT bit in the EPROG register.
2. Write the desired data to the desired EPROM address.
3. Set the EPGM bit in the EPROG register for the specified
programming time, tEPGM.
4. Clear the ELAT and EPGM bits in the EPROG register.
13.3.2 Mask Option Register (MOR)
The mask option register (MOR) shown in Figure 13-2 is an EPROM
byte that controls eight mask options. The MOR is unaffected by reset.
The erased state of the MOR is $00. The options that can be
programmed by the MOR are:
1. Port software programmable pulldown devices (enable or disable)
2. Startup delay after stop (16 or 4064 cycles)
3. Oscillator shunt resistor (2 M or open)
4. STOP instruction (enable or disable)
5. Low-voltage reset (enable or disable)
6. Port A external interrupt function (enable or disable)
7. IRQ trigger sensitivity (edge-triggered only or both edge- and
level-triggered)
8. COP watchdog (enable or disable)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com