Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705JJ7GRS/D Datasheet(PDF) 184 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 184 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 180Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 181Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 182Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 183Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 184Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 185Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 186Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 187Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 188Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 230 page
background image
EPROM/OTPROM
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
EPROM/OTPROM
13.3.3 EPROM Security Bit (EPMSEC)
An EPROM programmable bit is provided at the location of the COP
watchdog register at $1FF0 as shown in Figure 13-3. This bit allows
control of access to the EPROM array. Any accesses of the EPROM
locations will return undefined results when the EPMSEC bit is set. Refer
to 13.4.2 EPMSEC Programming for programming instructions.
EPMSEC — EPROM Security1
This EPROM write-only bit enables the access to the EPROM array.
1 = Access to the EPROM array in non-user modes is denied
0 = Access to the EPROM array in non-user modes is enabled
1. No security feature is absolutely secure. However, Motorola’s strategy is to make reading or
copying the EPROM/OTPROM difficult for unauthorized users.
13.4 EPROM Programming
A programming board is available from Motorola to download to the on-
chip EPROM/OTPROM using the factory-provided programming
software. Factory-provided software for programming the EPROM is
available through the Motorola Freeware Bulletin Board Service (BBS).
The number is (512) 891-FREE. After making the connection, type bbs
in lowercase letters and press the return key to start the BBS software.
The programming software copies to the 6144-byte space located at
EPROM addresses $0700–$1EFF and to the 16-byte space at
$1FF0
Bit 7
654321
Bit 0
Read:
EPMSEC
OPT
Write:
COPC
Reset:
Unaffected by Reset
Erased:
0
———————
= Unimplemented
Figure 13-3. EPROM Security in COP Register (COP)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com