| Electronic Components Datasheet Search |
|
HC705JJ7GRS/D Datasheet(PDF) 183 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705JJ7GRS/D Datasheet(HTML) 183 Page - NXP Semiconductors |
|
183 / 230 page ![]() EPROM/OTPROM EPROM Registers MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0 General Release Specification EPROM/OTPROM SWAIT — STOP Conversion to WAIT This EPROM bit disables the STOP instruction and prevents inadvertently turning off the COP watchdog with a STOP instruction. When the SWAIT bit is set, a STOP instruction puts the MCU in halt mode. Halt mode is a wait-like low-power state. The internal oscillator and timer clock continue to run, but the CPU clock stops. When the SWAIT bit is clear, a STOP instruction stops the internal oscillator, the internal clock, the CPU clock, the timer clock, and the COP watchdog timer. 1 = STOP instruction converted to WAIT instruction 0 = STOP instruction not converted to WAIT instruction LVREN — Low-Voltage Reset Enable This EPROM bit enables the low-voltage reset (LVR) function. 1 = LVR function enabled 0 = LVR function disabled PIRQ — Port A IRQ Enable This EPROM bit enables the PA3–PA0 pins to function as external interrupt sources. 1 = PA3–PA0 enabled as external interrupt sources 0 = PA3–PA0 not enabled as external interrupt sources LEVEL — External Interrupt Sensitivity This EPROM bit makes the external interrupt inputs level-triggered as well as edge-triggered 1 = IRQ/VPP pin negative-edge triggered and low-level triggered; PA3–PA0 pins positive-edge triggered and high-level triggered 0 = IRQ/VPP pin negative-edge triggered only; PA3–PA0 pins positive-edge triggered only COPEN — COP Watchdog Enable This EPROM bit enables the COP watchdog. 1 = COP watchdog enabled 0 = COP watchdog disabled Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |