Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2880 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # LPC2880
Description  16/32-bit ARM microcontrollers; 8 kB cache, up to 1 MB flash, Hi-Speed USB 2.0 device, and SDRAM memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2880 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button LPC2880 Datasheet HTML 15Page - NXP Semiconductors LPC2880 Datasheet HTML 16Page - NXP Semiconductors LPC2880 Datasheet HTML 17Page - NXP Semiconductors LPC2880 Datasheet HTML 18Page - NXP Semiconductors LPC2880 Datasheet HTML 19Page - NXP Semiconductors LPC2880 Datasheet HTML 20Page - NXP Semiconductors LPC2880 Datasheet HTML 21Page - NXP Semiconductors LPC2880 Datasheet HTML 22Page - NXP Semiconductors LPC2880 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
LPC2880_LPC2888_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 22 June 2006
19 of 34
Philips Semiconductors
LPC2880; LPC2888
16/32-bit ARM microcontrollers with external memory interface
• Optional interrupt via Event Router.
• 32-bit Prescaler and 32-bit Counter allow extended watchdog period.
6.11 Real-time clock
The Real Time Clock (RTC) is a set of counters for measuring time when system power is
on, and optionally when it is off. It uses little power in either mode.
6.11.1 Features
• Measures the passage of time to maintain a calendar and clock.
• Ultra Low Power design to support battery powered systems.
• Provides Seconds, Minutes, Hours, Day of Month, Month, Year, Day of Week, and Day
of Year.
• Dedicated 32 kHz oscillator.
• Dedicated power supply pin can be connected to a battery or to the main 1.8 V.
6.12 General purpose DMA controller
The General Purpose DMA Controller (GPDMA) is an AMBA AHB compliant master
allowing selected LPC2880/LPC2888 peripherals to have DMA support. Peripherals that
can be serviced by the GPDMA channels include the MCI/SD card interface, UART TX
and/or RX, the I2C-bus interface, the Simple Analog Out (SAO) front-ends to the I2S/DAO
and 16-bit dual DACs, the Simple Analog In (SAI) interfaces for data from the I2S/DAI and
16-bit dual ADCs, and the output to the LCD interface.
6.12.1 Features
• Eight DMA channels. Each channel can support a unidirectional transfer, or a pair of
channels can be used together to follow a linked list of buffer addresses and transfer
counts.
The GPDMA provides 16 peripheral DMA request lines. Most of these are connected
to the peripherals listed above; two can be used for external requests.
• The GPDMA supports a subset of the flow control signals supported by ARM DMA
channels, specifically ‘single’ but not ‘burst’ operation.
• Memory-to-memory, memory-to-peripheral, peripheral-to-memory, and
peripheral-to-peripheral transfers.
• Scatter or gather DMA is supported through the use of linked lists. This means that
the source and destination areas do not have to occupy contiguous areas of memory.
• Rotating channel priority. Each DMA channel has equal opportunity to perform
transfers.
• The GPDMA is one of three AHB masters in the LPC2880/LPC2888, the others being
the ARM7 processor and the USB interface.
• Incrementing or non-incrementing addressing for source and destination.
• Supports 8-bit, 16-bit, and 32-bit wide transactions.
• GPDMA channels can be programmed to swap data between big- and little-endian
formats during a transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com