Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2880 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # LPC2880
Description  16/32-bit ARM microcontrollers; 8 kB cache, up to 1 MB flash, Hi-Speed USB 2.0 device, and SDRAM memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2880 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button LPC2880 Datasheet HTML 18Page - NXP Semiconductors LPC2880 Datasheet HTML 19Page - NXP Semiconductors LPC2880 Datasheet HTML 20Page - NXP Semiconductors LPC2880 Datasheet HTML 21Page - NXP Semiconductors LPC2880 Datasheet HTML 22Page - NXP Semiconductors LPC2880 Datasheet HTML 23Page - NXP Semiconductors LPC2880 Datasheet HTML 24Page - NXP Semiconductors LPC2880 Datasheet HTML 25Page - NXP Semiconductors LPC2880 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
LPC2880_LPC2888_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 22 June 2006
22 of 34
Philips Semiconductors
LPC2880; LPC2888
16/32-bit ARM microcontrollers with external memory interface
Endpoints with small packet sizes can be handled by software via registers in the USB
controller. In particular, Control Endpoint 0 is always handled in this way.
6.17.1 Features
• Fully compliant with USB 2.0 specification (HS and FS).
• 16 physical endpoints.
• Supports Control, Bulk, Interrupt and Isochronous endpoints.
• Endpoint type selection by software
• Endpoint maximum packet size setting by software
• Supports Soft Connect feature (requires an external 1.5 k
Ω resistor connected to the
USB_RPU pad).
• Supports bus-powered capability with low suspend current.
• Four Read/Write DMA channels.
• Supports Burst data transfers on the AHB.
• Supports Retry and Split transactions on the AHB.
6.18 SD/MMC card interface
The Secure Digital and Multimedia Card Interface (MCI) is an interface between the
Advanced Peripheral Bus (APB) system bus and multimedia and/or secure digital memory
cards.
The interface provides all functions specific to the Secure Digital/MultiMedia memory
card, such as the clock generation unit, power management control, command, data
transfer, interrupt generation, and DMA request generation.
6.18.1 Features
• Conformance to Multimedia Card Specification v2.11.
• Conformance to Secure Digital Memory Card Physical Layer Specification, v0.96.
• Use as a multimedia card bus or a secure digital memory card bus host. It can be
connected to several multimedia cards, or a single secure digital memory card.
• DMA transfers are supported through the Simple DMA facility.
6.19 LCD interface
The LCD interface contains logic to interface to a 6800 or 8080 bus compatible LCD
controller. The LCD interface is compatible with the 6800 bus standard and the 8080 bus
standard, with one address pin (RS) for selecting the data or instruction register.
The LCD interface makes use of a configurable clock (programmed in the CGU) to adjust
the speed of the 6800/8080 bus to the speed of the connected peripheral.
6.19.1 Features
• 8-bit or 4-bit parallel interface mode: 6800-series, 8080-series.
• Supports multiple frequencies for the bus, to support high and low speed LCD
controllers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com