Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2880 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # LPC2880
Description  16/32-bit ARM microcontrollers; 8 kB cache, up to 1 MB flash, Hi-Speed USB 2.0 device, and SDRAM memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2880 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button LPC2880 Datasheet HTML 25Page - NXP Semiconductors LPC2880 Datasheet HTML 26Page - NXP Semiconductors LPC2880 Datasheet HTML 27Page - NXP Semiconductors LPC2880 Datasheet HTML 28Page - NXP Semiconductors LPC2880 Datasheet HTML 29Page - NXP Semiconductors LPC2880 Datasheet HTML 30Page - NXP Semiconductors LPC2880 Datasheet HTML 31Page - NXP Semiconductors LPC2880 Datasheet HTML 32Page - NXP Semiconductors LPC2880 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
LPC2880_LPC2888_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 22 June 2006
29 of 34
Philips Semiconductors
LPC2880; LPC2888
16/32-bit ARM microcontrollers with external memory interface
9.
Dynamic characteristics
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Supplied by an external crystal.
Table 7.
Dynamic characteristics
Ta= −40 °C to +85 °C, unless otherwise specified.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
External clock
fext
external clock frequency
[2] 1
12
20
MHz
Port pins
tr
rise time
-
5
-
ns
tf
fall time
-
5
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com