Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC07A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC07A
Description  Hex buffer with open-drain outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC07A Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC07A Datasheet HTML 1Page - NXP Semiconductors 74LVC07A Datasheet HTML 2Page - NXP Semiconductors 74LVC07A Datasheet HTML 3Page - NXP Semiconductors 74LVC07A Datasheet HTML 4Page - NXP Semiconductors 74LVC07A Datasheet HTML 5Page - NXP Semiconductors 74LVC07A Datasheet HTML 6Page - NXP Semiconductors 74LVC07A Datasheet HTML 7Page - NXP Semiconductors 74LVC07A Datasheet HTML 8Page - NXP Semiconductors 74LVC07A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2000 Mar 07
5
Philips Semiconductors
Product specification
Hex buffer with open-drain outputs
74LVC07A
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V).
Note
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
MIN.
MAX.
VCC
DC supply voltage
1.65
5.5
V
VI
DC input voltage
0
5.5
V
VO
DC output voltage
active mode
0
VCC
V
high-impedance mode
0
5.5
V
Tamb
operating ambient temperature
−40
+85
°C
tr, tf
input rise and fall ratios
VCC = 1.65 to 2.7 V
0
20
ns/V
VCC = 2.7 to 5.5 V
0
10
ns/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
DC supply voltage
−0.5
+6.5
V
IIK
DC input diode current
VI <0
−−50
mA
VI
DC input voltage
note 1
−0.5
+6.5
V
IOK
DC output clamping diode current
VO <0
−−50
mA
VO
DC output voltage
active mode; note 1
−0.5
VCC + 0.5 V
high-impedance mode; note 1
−0.5
+6.5
V
IO
DC output sink current
VO =0toVCC
−
50
mA
ICC, IGND
DC VCC or GND current
−±100
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation per package
SO package
above 70
°C derate linearly
with 8 mW/K
−
500
mW
TSSOP package
above 60
°C derate linearly
with 5.5 mW/K
−
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com