Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC07A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC07A
Description  Hex buffer with open-drain outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC07A Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC07A Datasheet HTML 1Page - NXP Semiconductors 74LVC07A Datasheet HTML 2Page - NXP Semiconductors 74LVC07A Datasheet HTML 3Page - NXP Semiconductors 74LVC07A Datasheet HTML 4Page - NXP Semiconductors 74LVC07A Datasheet HTML 5Page - NXP Semiconductors 74LVC07A Datasheet HTML 6Page - NXP Semiconductors 74LVC07A Datasheet HTML 7Page - NXP Semiconductors 74LVC07A Datasheet HTML 8Page - NXP Semiconductors 74LVC07A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2000 Mar 07
3
Philips Semiconductors
Product specification
Hex buffer with open-drain outputs
74LVC07A
ORDERING INFORMATION
PINNING
TYPE NUMBER
PACKAGES
TEMPERATURE RANGE
PINS
PACKAGE
MATERIAL
CODE
74LVC07AD
−40 to +85 °C
14
SO
plastic
SOT108-1
74LVC07APW
14
TSSOP
plastic
SOT402-1
PIN
SYMBOL
DESCRIPTION
1, 3, 5, 9, 11 and 13
1A to 6A
data inputs
2, 4, 6, 8, 10 and 12
1Y to 6Y
data outputs
7
GND
ground (0 V)
14
VCC
DC supply voltage
handbook, halfpage
07
MNA531
1
2
3
4
5
6
7
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
14
13
12
11
10
9
8
Fig.1 Pin configuration.
MNA535
handbook, halfpage
2
11A
1Y
4
32A
2Y
6
53A
3Y
8
94A
4Y
10
11
5A
5Y
12
13
6A
6Y
Fig.2 Logic symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com