Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC07A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC07A
Description  Hex buffer with open-drain outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC07A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC07A Datasheet HTML 2Page - NXP Semiconductors 74LVC07A Datasheet HTML 3Page - NXP Semiconductors 74LVC07A Datasheet HTML 4Page - NXP Semiconductors 74LVC07A Datasheet HTML 5Page - NXP Semiconductors 74LVC07A Datasheet HTML 6Page - NXP Semiconductors 74LVC07A Datasheet HTML 7Page - NXP Semiconductors 74LVC07A Datasheet HTML 8Page - NXP Semiconductors 74LVC07A Datasheet HTML 9Page - NXP Semiconductors 74LVC07A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2000 Mar 07
6
Philips Semiconductors
Product specification
Hex buffer with open-drain outputs
74LVC07A
DC CHARACTERISTICS
Over recommended operating conditions; voltages are referenced to GND (ground=0V).
Note
1. All typical values are at VCC = 3.3 V and Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
−40 to +85
MIN.
TYP.(1)
MAX.
VIH
HIGH-level input voltage
1.65 to 1.95
VCC
−−
V
2.3 to 2.7
1.7
−−
V
2.7 to 3.6
2.0
−−
V
4.5 to 5.5
0.7
× V
CC
−−
V
VIL
LOW-level input voltage
1.65 to 1.95
−−
GND
V
2.3 to 2.7
−−
0.7
V
2.7 to 3.6
−−
0.8
V
4.5 to 5.5
−−
0.30
× V
CC
V
VOL
LOW-level output voltage VI =VIH or VIL
IO = 100 µA
1.65 to 5.5
−−
0.20
V
IO = 4 mA
1.65
−−
0.45
V
IO =8mA
2.3
−−
0.3
V
IO =12mA
2.7
−−
0.4
V
IO =24mA
3.0
−−
0.55
V
IO =32mA
4.5
−−
0.55
V
II
input leakage current
VI = 5.5 V or GND
3.6
−±0.1
±5
µA
IOZ
3-state output OFF-state
current
VI =VIH or VIL;
VO = 5.5 V or GND
3.6
−
0.1
±10
µA
Ioff
power-off leakage
current
VI or VO = 6.5 V
0.0
−±0.1
±10
µA
ICC
quiescent supply current
VI =VCC or GND;
IO =0
5.5
−
0.1
10
µA
∆I
CC
additional quiescent
supply current per input
pin
VI =VCC − 0.6 V;
IO =0
2.3 to 5.5
−
5
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com