Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6234 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6234
Description  Three phase motor driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6234 Datasheet(HTML) 5 Page - STMicroelectronics

  L6234 Datasheet HTML 1Page - STMicroelectronics L6234 Datasheet HTML 2Page - STMicroelectronics L6234 Datasheet HTML 3Page - STMicroelectronics L6234 Datasheet HTML 4Page - STMicroelectronics L6234 Datasheet HTML 5Page - STMicroelectronics L6234 Datasheet HTML 6Page - STMicroelectronics L6234 Datasheet HTML 7Page - STMicroelectronics L6234 Datasheet HTML 8Page - STMicroelectronics L6234 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
L6234
Thermal data
Doc ID 1107 Rev 10
5/16
3
Thermal data
Figure 3.
Printed Heatsink
Table 3.
Thermal data
Symbol
Parameter
DIP16+2+2
PowerSO20
Unit
Rth j-pin
Thermal resistance, junction to pin
12 (1)
1.
The thermal resistance is referred to the thermal path from the dissipating region on the top surface of the
silicon chip, to the points along the four central pins of the package, at a distance of 1.5 mm away from the
stand-offs.
–
°C/W
Rth j-amb1 Thermal resistance, junction to ambient
40 (2)
2.
If a dissipating surface, thick at least 35 mm, and with a surface similar or bigger than the one shown in
Figure 3, is created making use of the printed circuit. Such heatsinking surface is considered on the bottom
side of an horizontal PCB (worst case).
–
°C/W
Rth j-amb2
Thermal resistance, junction characteristics) to
ambient
50 (3)
3.
If the power dissipating pins (the four central ones), as well as the others, have a minimum thermal
connection with the external world (very thin strips only) so that the dissipation takes place through still air
and through the PCB itself. It is the same situation of note 2, without any heatsinking surface created on
purpose on the board.
–
°C/W
Rth j-case Thermal resistance junction-case
–
1.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com