Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6234 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6234
Description  Three phase motor driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6234 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6234 Datasheet HTML 2Page - STMicroelectronics L6234 Datasheet HTML 3Page - STMicroelectronics L6234 Datasheet HTML 4Page - STMicroelectronics L6234 Datasheet HTML 5Page - STMicroelectronics L6234 Datasheet HTML 6Page - STMicroelectronics L6234 Datasheet HTML 7Page - STMicroelectronics L6234 Datasheet HTML 8Page - STMicroelectronics L6234 Datasheet HTML 9Page - STMicroelectronics L6234 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Maximum ratings
L6234
6/16
Doc ID 1107 Rev 10
4
Maximum ratings
4.1
Recommended operating conditions
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Power supply voltage
52
V
VIN, VEN Input enable voltage
– 0.3 to 7
V
Ipeak
Pulsed output current (1)
1.
Pulse width limited only by junction temperature and the transient thermal impedance
5
A
VSENSE
Sensing voltage (DC voltage)
-1 to 4
V
Vboot
Bootstrap peak voltage
62
V
VOD
Differential output voltage (between any of the 3 OUT pins)
60
V
fC
Commutation frequency
150
kHz
VREF
Reference voltage
12
V
Ptot
Total power dissipation
L6234PD, TA = 70°C
2.3
W
Ptot
Total power dissipation
L6234, TA = 70°C
1.6 (2)
2.
Mounted on board with minimized copper area
W
Tstg, Tj
Storage and junction temperature range
-40 to 150
°C
Table 5.
Recommended operating conditions
Symbol
Parameter
Value
Unit
VS
Supply voltage
7 to 42
V
VOD
Peak to peak differential voltage (between any of the 3 out pins)
52
V
Iout
DC output current powerSO20 (TA = 25°C)
4
A
DC output current powerDIP (TA = 25°C) with infinite heatsink
2.8
A
VSENSE
Sensing voltage (pulsed tw < 300 nsec)
-4 to 4
V
Sensing voltage (DC)
-1 to 1
V
Tj
Junction temperature range
-40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com