Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6234 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6234
Description  Three phase motor driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6234 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6234 Datasheet HTML 8Page - STMicroelectronics L6234 Datasheet HTML 9Page - STMicroelectronics L6234 Datasheet HTML 10Page - STMicroelectronics L6234 Datasheet HTML 11Page - STMicroelectronics L6234 Datasheet HTML 12Page - STMicroelectronics L6234 Datasheet HTML 13Page - STMicroelectronics L6234 Datasheet HTML 14Page - STMicroelectronics L6234 Datasheet HTML 15Page - STMicroelectronics L6234 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Mechanical data
L6234
12/16
Doc ID 1107 Rev 10
8
Mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 7.
PowerSO20 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
3.6
a1
0.1
0.3
a2
3.3
a3
0
0.1
b
0.4
0.53
c
0.23
0.32
D (1)
15.8
16
D1
9.4
9.8
E
13.9
14.5
e
1.27
e3
11.43
E1 (1)
10.9
11.1
E2
2.9
E3
5.8
6.2
G
0
0.1
H
15.5
15.9
h
1.1
L
0.8
1.1
N
8
° (typ.)
S
8
° (max.)
T
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com