Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4186 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC4186
Description  SILICON TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4186 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SC4186 Datasheet HTML 2Page - Renesas Technology Corp 2SC4186 Datasheet HTML 3Page - Renesas Technology Corp 2SC4186 Datasheet HTML 4Page - Renesas Technology Corp 2SC4186 Datasheet HTML 5Page - Renesas Technology Corp 2SC4186 Datasheet HTML 6Page - Renesas Technology Corp 2SC4186 Datasheet HTML 7Page - Renesas Technology Corp 2SC4186 Datasheet HTML 8Page - Renesas Technology Corp 2SC4186 Datasheet HTML 9Page - Renesas Technology Corp 2SC4186 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2SC4186
4
S-PARAMETER
VCE = 1 V, IC = 1 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.926
–27.6
3.597
158.4
0.085
75.5
0.970
–15.9
200.00
0.861
–50.4
3.201
140.4
0.151
61.0
0.884
–28.2
300.00
0.753
–71.7
2.809
123.6
0.201
47.4
0.772
–40.6
400.00
0.694
–88.5
2.423
112.2
0.229
40.5
0.679
–47.5
500.00
0.639
–103.2
2.140
101.1
0.242
33.1
0.583
–53.5
600.00
0.610
–118.4
1.936
93.6
0.259
29.0
0.528
–57.6
700.00
0.576
–131.3
1.783
83.4
0.260
23.9
0.474
–61.4
800.00
0.553
–142.4
1.651
77.1
0.266
20.1
0.443
–65.4
900.00
0.540
–151.8
1.488
69.7
0.256
19.6
0.411
–69.3
1000.00
0.543
–161.2
1.397
63.8
0.252
17.3
0.384
–74.3
1100.00
0.548
–170.3
1.299
59.0
0.253
18.8
0.361
–78.7
1200.00
0.542
180.0
1.240
53.2
0.254
18.0
0.339
–83.0
1300.00
0.534
173.6
1.194
48.2
0.257
17.8
0.324
–87.7
1400.00
0.528
168.6
1.101
43.7
0.248
17.4
0.310
–92.3
1500.00
0.552
163.7
1.045
37.8
0.246
16.0
0.305
–97.4
1600.00
0.570
158.7
0.979
37.0
0.239
20.3
0.303 –103.5
1700.00
0.582
151.7
0.924
33.6
0.237
21.2
0.299 –109.9
1800.00
0.593
146.3
0.925
31.5
0.243
25.4
0.296 –118.1
1900.00
0.597
141.9
0.890
28.1
0.252
26.5
0.295 –124.4
2000.00
0.608
138.0
0.885
23.2
0.264
27.5
0.293 –131.0
VCE = 1 V, IC = 3 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.804
–48.8
8.624
145.7
0.076
67.4
0.887
–31.4
200.00
0.680
–83.2
6.625
123.2
0.117
51.7
0.687
–51.1
300.00
0.572
–109.0
5.090
107.3
0.141
42.4
0.522
–65.9
400.00
0.520
–127.4
4.070
98.0
0.152
40.1
0.413
–74.3
500.00
0.494
–142.0
3.359
89.5
0.161
38.0
0.333
–81.1
600.00
0.482
–154.9
2.975
84.9
0.174
38.5
0.283
–86.6
700.00
0.467
–166.0
2.653
77.5
0.182
37.5
0.245
–92.2
800.00
0.465
–173.8
2.406
72.9
0.193
37.5
0.219
–98.0
900.00
0.463
179.9
2.125
67.5
0.199
39.2
0.199 –105.2
1000.00
0.483
173.2
1.963
62.8
0.209
38.6
0.181 –112.9
1100.00
0.499
166.6
1.800
59.5
0.221
40.9
0.168 –120.2
1200.00
0.501
158.6
1.700
54.7
0.237
40.0
0.161 –127.4
1300.00
0.498
153.5
1.623
50.4
0.253
39.6
0.156 –134.7
1400.00
0.496
150.0
1.481
46.9
0.256
38.6
0.156 –141.9
1500.00
0.515
146.8
1.395
41.6
0.267
36.8
0.161 –148.5
1600.00
0.530
143.4
1.312
41.1
0.273
39.3
0.167 –155.4
1700.00
0.544
138.1
1.233
38.5
0.281
38.4
0.179 –162.3
1800.00
0.556
134.2
1.234
36.3
0.299
40.1
0.189 –169.8
1900.00
0.562
130.8
1.184
33.4
0.317
38.4
0.200 –176.0
2000.00
0.576
127.7
1.174
28.1
0.335
36.9
0.207
179.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com