Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4186 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC4186
Description  SILICON TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4186 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC4186 Datasheet HTML 2Page - Renesas Technology Corp 2SC4186 Datasheet HTML 3Page - Renesas Technology Corp 2SC4186 Datasheet HTML 4Page - Renesas Technology Corp 2SC4186 Datasheet HTML 5Page - Renesas Technology Corp 2SC4186 Datasheet HTML 6Page - Renesas Technology Corp 2SC4186 Datasheet HTML 7Page - Renesas Technology Corp 2SC4186 Datasheet HTML 8Page - Renesas Technology Corp 2SC4186 Datasheet HTML 9Page - Renesas Technology Corp 2SC4186 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SC4186
5
VCE = 3 V, IC = 1 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.933
–22.6
3.630
162.0
0.060
78.3
0.980
–11.4
200.00
0.886
–41.6
3.303
147.0
0.108
66.1
0.923
–20.2
300.00
0.788
–60.3
2.997
131.6
0.150
53.7
0.838
–30.0
400.00
0.738
–75.5
2.654
121.5
0.176
47.7
0.768
–35.0
500.00
0.680
–89.2
2.397
110.5
0.189
40.3
0.678
–39.5
600.00
0.647
–104.5
2.209
103.4
0.206
36.5
0.636
–42.8
700.00
0.605
–117.4
2.055
93.0
0.210
31.2
0.583
–45.2
800.00
0.568
–129.3
1.918
86.7
0.216
27.7
0.558
–48.5
900.00
0.547
–139.6
1.733
79.0
0.210
27.2
0.526
–51.1
1000.00
0.541
–149.8
1.624
73.0
0.208
24.7
0.496
–55.3
1100.00
0.535
–159.6
1.509
68.1
0.210
26.5
0.474
–58.5
1200.00
0.523
–170.1
1.441
62.2
0.212
25.8
0.444
–61.6
1300.00
0.512
–177.1
1.380
57.4
0.214
25.8
0.423
–64.6
1400.00
0.505
177.0
1.271
52.7
0.207
26.4
0.406
–67.6
1500.00
0.527
171.2
1.203
47.1
0.206
25.3
0.395
–71.0
1600.00
0.544
165.4
1.140
45.7
0.202
30.4
0.387
–75.1
1700.00
0.553
157.6
1.073
42.6
0.203
31.8
0.376
–79.8
1800.00
0.562
151.8
1.074
39.8
0.211
36.3
0.365
–85.8
1900.00
0.564
146.9
1.035
36.3
0.222
37.9
0.354
–90.4
2000.00
0.575
142.7
1.027
31.0
0.234
38.5
0.342
–95.8
VCE = 3 V, IC = 3 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.823
–38.1
8.996
151.3
0.055
71.7
0.925
–22.1
200.00
0.705
–67.0
7.338
130.8
0.088
59.1
0.768
–36.3
300.00
0.581
–90.7
5.883
114.9
0.111
48.7
0.619
–47.6
400.00
0.511
–108.3
4.824
105.5
0.124
46.4
0.512
–52.4
500.00
0.466
–123.2
4.024
96.7
0.132
44.2
0.425
–55.6
600.00
0.442
–137.5
3.571
91.9
0.144
44.5
0.376
–57.4
700.00
0.419
–149.8
3.129
83.6
0.152
43.5
0.333
–59.0
800.00
0.408
–159.6
2.941
79.7
0.163
43.5
0.306
–60.8
900.00
0.404
–167.6
2.598
73.9
0.168
45.5
0.280
–63.3
1000.00
0.414
–175.7
2.398
69.3
0.178
44.7
0.258
–66.7
1100.00
0.425
176.4
2.197
65.8
0.189
47.1
0.238
–70.1
1200.00
0.426
167.6
2.062
61.0
0.203
46.3
0.218
–73.5
1300.00
0.423
161.9
1.966
57.0
0.218
46.5
0.203
–77.2
1400.00
0.423
157.8
1.791
53.3
0.222
46.0
0.188
–81.2
1500.00
0.442
154.0
1.683
48.4
0.232
44.4
0.179
–85.9
1600.00
0.458
150.0
1.587
47.8
0.239
47.0
0.171
–91.9
1700.00
0.472
144.2
1.494
45.1
0.249
46.3
0.163
–98.7
1800.00
0.485
139.9
1.488
42.6
0.267
48.0
0.157 –107.5
1900.00
0.492
136.2
1.433
39.5
0.284
46.4
0.151 –115.2
2000.00
0.507
132.9
1.414
34.2
0.302
44.6
0.147 –123.3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com