Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5178R Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5178R
Description  SILICON TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5178R Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5178R Datasheet HTML 1Page - Renesas Technology Corp 2SC5178R Datasheet HTML 2Page - Renesas Technology Corp 2SC5178R Datasheet HTML 3Page - Renesas Technology Corp 2SC5178R Datasheet HTML 4Page - Renesas Technology Corp 2SC5178R Datasheet HTML 5Page - Renesas Technology Corp 2SC5178R Datasheet HTML 6Page - Renesas Technology Corp 2SC5178R Datasheet HTML 7Page - Renesas Technology Corp 2SC5178R Datasheet HTML 8Page - Renesas Technology Corp 2SC5178R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©
1995
NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE
FOR LOW-NOISE MICROWAVE AMPLIFICATION
DATA SHEET
SILICON TRANSISTOR
2SC5178R
FEATURES
• Low current consumption and high gain
| S21 | 2 = 11.5 dB TYP. @VCE = 2 V, IC = 7 mA, f = 2 GHz
| S21 | 2 = 10.5 dB TYP. @VCE = 1 V, IC = 5 mA, f = 2 GHz
• 4-pin Mini-Mold package
SOT-143 style (Pins for overseas use are assigned to the 2SC5178.)
ORDERING INFORMATION
PART NUMBER
QUANTITY
ARRANGEMENT
2SC5178R-T1
3000 units/reel
Embossed tape, 8 mm wide, pins
No. 3 (emitter) and No. 4 (base)
facing the perforations
2SC5178R-T2
3000 units/reel
Embossed tape, 8 mm wide, pins
No. 1 (emitter) and No. 2 (collector)
facing the perforations
Remark Contact your NEC sales representatives to order samples for
evaluation (available in batches of 50).
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
PARAMETER
SYMBOL
RATING
UNIT
Collector-to-base voltage
VCBO
5V
Collector-to-emitter voltage
VCEO
3V
Emitter-to-base voltage
VEBO
2V
Collector current
IC
10
mA
Total power dissipation
PT
30
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–65 to +150
°C
DocumentNo. TC-2519
(O. D. No. TC-8075)
Date Published April 1995 P
Printed in Japan
Electrode assignment
1. Emitter
2. Collector
3. Emitter
4. Base
PACKAGE DRAWINGS
(Units: mm)
This transistor uses high-frequency technology. Be careful not to allow excessive
current to flow through the transistor, including static electricity.
2.8
+0.2
–0.3
1.5
+0.2
–0.1
5°
5°
5°
5°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com