Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5178R Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC5178R
Description  SILICON TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5178R Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC5178R Datasheet HTML 2Page - Renesas Technology Corp 2SC5178R Datasheet HTML 3Page - Renesas Technology Corp 2SC5178R Datasheet HTML 4Page - Renesas Technology Corp 2SC5178R Datasheet HTML 5Page - Renesas Technology Corp 2SC5178R Datasheet HTML 6Page - Renesas Technology Corp 2SC5178R Datasheet HTML 7Page - Renesas Technology Corp 2SC5178R Datasheet HTML 8Page - Renesas Technology Corp 2SC5178R Datasheet HTML 9Page - Renesas Technology Corp 2SC5178R Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
5
2SC5178R
VCE = 1 V, IC = 5 mA, Zo = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.801
–21.6
11.278
156.4
0.030
69.6
0.935
–14.8
400.00
0.677
–39.6
9.808
136.7
0.049
71.2
0.833
–26.4
600.00
0.557
–53.2
8.302
121.4
0.063
58.9
0.717
–35.2
800.00
0.451
–66.4
7.123
108.9
0.091
56.5
0.628
–40.7
1000.00
0.358
–76.9
6.140
98.1
0.095
51.6
0.577
–45.8
1200.00
0.277
–90.1
5.377
89.3
0.107
49.9
0.503
–50.4
1400.00
0.222
–100.7
4.737
81.6
0.122
47.7
0.454
–52.6
1600.00
0.172
–113.7
4.198
74.0
0.144
44.3
0.419
–55.7
1800.00
0.115
–135.4
3.838
67.7
0.153
44.1
0.376
–61.9
2000.00
0.111
–151.0
3.476
61.8
0.159
43.0
0.346
–66.5
2200.00
0.118
–173.9
3.178
56.1
0.182
35.9
0.308
–71.1
2400.00
0.121
159.2
2.982
50.4
0.195
38.3
0.280
–79.3
2600.00
0.142
137.2
2.795
45.1
0.191
36.9
0.264
–83.8
2800.00
0.181
128.6
2.589
39.5
0.226
28.0
0.242
–87.0
3000.00
0.210
108.6
2.489
34.1
0.237
28.0
0.239
–100.8
VCE = 1 V, IC = 7 mA, Zo = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.732
–26.3
13.376
152.5
0.024
74.3
0.900
–16.6
400.00
0.593
–44.8
10.989
130.9
0.047
67.6
0.782
–28.3
600.00
0.453
–59.2
8.954
115.8
0.060
67.1
0.664
–35.6
800.00
0.341
–71.0
7.441
103.6
0.075
60.2
0.585
–40.4
1000.00
0.254
–83.3
6.267
93.7
0.094
58.6
0.530
–43.6
1200.00
0.193
–95.5
5.441
85.6
0.103
56.9
0.476
–47.5
1400.00
0.144
–112.2
4.757
78.5
0.120
51.4
0.434
–50.8
1600.00
0.118
–136.4
4.207
71.4
0.129
50.9
0.405
–53.5
1800.00
0.088
–159.6
3.814
65.8
0.140
46.9
0.363
–58.7
2000.00
0.084
–178.8
3.464
60.2
0.155
45.9
0.334
–64.2
2200.00
0.099
148.2
3.167
54.8
0.174
41.3
0.315
–67.2
2400.00
0.134
127.4
2.939
49.3
0.180
40.2
0.290
–73.0
2600.00
0.175
117.8
2.771
44.7
0.187
38.8
0.274
–79.0
2800.00
0.212
112.4
2.578
39.6
0.206
32.0
0.266
–82.0
3000.00
0.265
109.7
2.476
33.9
0.229
31.0
0.264
–90.8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com