Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5178R Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC5178R
Description  SILICON TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5178R Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC5178R Datasheet HTML 1Page - Renesas Technology Corp 2SC5178R Datasheet HTML 2Page - Renesas Technology Corp 2SC5178R Datasheet HTML 3Page - Renesas Technology Corp 2SC5178R Datasheet HTML 4Page - Renesas Technology Corp 2SC5178R Datasheet HTML 5Page - Renesas Technology Corp 2SC5178R Datasheet HTML 6Page - Renesas Technology Corp 2SC5178R Datasheet HTML 7Page - Renesas Technology Corp 2SC5178R Datasheet HTML 8Page - Renesas Technology Corp 2SC5178R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2
2SC5178R
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector cutoff current
ICBO
VCB = 5 V, IE = 0
100
nA
Emitter cutoff current
IEBO
VEB = 1 V, IC = 0
100
nA
DC gain
hFE
VCE = 2 V, IC = 7 mANote 1
70
140
Forward transfer gain (1)
| S21e | 2
VCE = 2 V, IC = 7 mA, f = 2 GHz
9.5
11.5
dB
Forward transfer gain (2)
| S21e | 2
VCE = 1 V, IC = 5 mA, f = 2 GHz
7.5
10.5
dB
Noise figure (1)
NF
VCE = 2 V, IC = 3 mA, f = 2 GHz
1.5
2.0
dB
Noise figure (2)
NF
VCE = 1 V, IC = 3 mA, f = 2 GHz
1.5
2.0
dB
Gain bandwidth product (1)
fr
VCE = 2 V, IC = 7 mA, f = 2 GHz
10.5
13.5
GHz
Gain bandwidth product (2)
fr
VCE = 1 V, IC = 5 mA, f = 2 GHz
8.5
12
GHz
Feedback capacitance
Cre
VCB = 2 V, IE = 0 mA, f = 1 MHzNote 2
0.3
0.5
pF
Notes 1. Measured with pulses: Pulse width
≤ 350
µs, duty cycle ≤ 2 %, pulsed
2. Measured with a three-terminal bridge. The emitter and case terminal are connected to the guard
terminal of the bridge.
hFE class
CLASS
FB
Marking
84 T
hFE
70 to 140
CHARACTERISTIC CURVES (TA = 25
°C)
200
100
0
50
100
150
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
50
40
30
20
10
0
0.5
1.0
VCE = 2 V
30 mW
Ambient temperature TA (°C)
COLLECTOR CURRENT vs.
BASE-TO-EMITTER VOLTAGE
Base-to-emitter voltage VBE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com