Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5181 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC5181
Description  SILICON TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5181 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC5181 Datasheet HTML 1Page - Renesas Technology Corp 2SC5181 Datasheet HTML 2Page - Renesas Technology Corp 2SC5181 Datasheet HTML 3Page - Renesas Technology Corp 2SC5181 Datasheet HTML 4Page - Renesas Technology Corp 2SC5181 Datasheet HTML 5Page - Renesas Technology Corp 2SC5181 Datasheet HTML 6Page - Renesas Technology Corp 2SC5181 Datasheet HTML 7Page - Renesas Technology Corp 2SC5181 Datasheet HTML 8Page - Renesas Technology Corp 2SC5181 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SC5181
3
CHARACTERISTICS CURVES (TA = 25
°C)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TA – Ambient Temperature – °C
0
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
VBE – Base to Emitter Voltage – V
0
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER
VCE – Collector to Emitter Voltage – V
0
VCE = 2 V
50
30 mW
100
200
100
150
0.5
1.0
10
20
30
40
50
20
15
10
5
25
1.0
2.0
3.0
200 A
180 A
160 A
140 A
120 A
100 A
80 A
60 A
40 A
IB = 20 A
Passive air cooling
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
INSERTION POWER GAIN vs.
COLLECTOR CURRENT
IC – Collector Current – mA
1
IC – Collector Current – mA
0
1
2
3
5
7
10
20
5
10
5
10
15
f = 2 GHz
f = 2 GHz
2
3
5
7
10
20
VCE = 2 V
VCE = 1 V
VCE = 2 V
VCE = 1 V
IC – Collector Current – mA
DC CURRENT GAIN vs.
COLLECTOR CURRENT
500
200
100
10
20
50
1
2
5
10
20
50
100
VCE = 1 V
VCE = 2 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com