Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5181 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC5181
Description  SILICON TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5181 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SC5181 Datasheet HTML 2Page - Renesas Technology Corp 2SC5181 Datasheet HTML 3Page - Renesas Technology Corp 2SC5181 Datasheet HTML 4Page - Renesas Technology Corp 2SC5181 Datasheet HTML 5Page - Renesas Technology Corp 2SC5181 Datasheet HTML 6Page - Renesas Technology Corp 2SC5181 Datasheet HTML 7Page - Renesas Technology Corp 2SC5181 Datasheet HTML 8Page - Renesas Technology Corp 2SC5181 Datasheet HTML 9Page - Renesas Technology Corp 2SC5181 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2SC5181
4
NOISE FIGURE vs.
COLLECTOR CURRENT
IC – Collector Current – mA
FEED-BACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
2
1
1
2
3
710
5
320
VCB – Collector to Base Voltage – V
0.0
2.0
4.0
6.0
8.0
10.0
0.2
0.4
0.6
0.8
f = 1 MHz
f = 2 GHz
VCE = 1 V
VCE = 2 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com