Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5181 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC5181
Description  SILICON TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5181 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC5181 Datasheet HTML 2Page - Renesas Technology Corp 2SC5181 Datasheet HTML 3Page - Renesas Technology Corp 2SC5181 Datasheet HTML 4Page - Renesas Technology Corp 2SC5181 Datasheet HTML 5Page - Renesas Technology Corp 2SC5181 Datasheet HTML 6Page - Renesas Technology Corp 2SC5181 Datasheet HTML 7Page - Renesas Technology Corp 2SC5181 Datasheet HTML 8Page - Renesas Technology Corp 2SC5181 Datasheet HTML 9Page - Renesas Technology Corp 2SC5181 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SC5181
6
VCE = 1 V, IC = 10 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
ANG
–39.4
–40.5
–42.1
–44.8
–47.0
–49.2
–54.0
–56.1
–62.0
ANG
–71.3
–82.5
–89.5
–98.6
–110.3
–127.3
–140.2
–176.6
153.2
MAG
0.526
0.434
0.375
0.355
0.335
0.314
0.283
0.262
0.247
ANG
62.8
61.0
59.7
61.4
60.6
58.2
57.6
57.4
54.8
MAG
7.550
5.924
4.927
4.307
3.740
3.326
3.041
2.781
2.498
MAG
0.069
0.096
0.119
0.141
0.165
0.187
0.207
0.219
0.235
MAG
0.324
0.232
0.167
0.128
0.094
0.067
0.055
0.068
0.083
ANG
104.5
94.2
85.5
80.0
74.9
68.7
64.9
62.2
56.9
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
ANG
–24.4
–30.3
–37.6
–45.0
–50.5
–55.0
–60.8
–65.6
–70.9
ANG
–29.6
–38.5
–47.8
–56.7
–62.9
–69.2
–75.6
–83.6
–91.1
MAG
0.940
0.861
0.778
0.745
0.712
0.659
0.601
0.556
0.522
ANG
66.0
59.6
55.0
51.4
47.9
44.4
43.6
41.6
37.8
MAG
3.172
2.995
2.797
2.715
2.646
2.467
2.343
2.243
2.095
MAG
0.106
0.143
0.172
0.196
0.220
0.240
0.255
0.261
0.268
MAG
0.901
0.811
0.719
0.671
0.621
0.549
0.488
0.438
0.380
ANG
143.7
132.6
121.7
112.2
105.3
97.5
89.8
84.3
77.3
VCE = 2 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
ANG
–34.8
–40.4
–46.1
–50.7
–54.5
–57.3
–62.3
–65.0
–70.0
ANG
–44.9
–55.3
–63.1
–69.9
–74.0
–78.9
–82.5
–93.2
–103.1
MAG
0.778
0.656
0.563
0.519
0.481
0.441
0.397
0.363
0.343
ANG
60.5
56.1
54.8
54.2
53.1
51.3
51.5
51.1
48.8
MAG
6.256
5.350
4.650
4.225
3.809
3.408
3.144
2.918
2.647
MAG
0.088
0.114
0.137
0.157
0.176
0.195
0.214
0.223
0.236
MAG
0.678
0.543
0.447
0.388
0.325
0.270
0.231
0.193
0.148
ANG
125.7
113.4
102.7
94.8
88.9
81.8
76.3
72.7
66.8
VCE = 2 V, IC = 1 mA, ZO = 50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com