Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC805P18GRS/D Datasheet(PDF) 74 Page - NXP Semiconductors

Part # HC805P18GRS/D
Description  The Motorola MC68HC805P18 microcontroller is a member of the M68HC05
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805P18GRS/D Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button HC805P18GRS/D Datasheet HTML 70Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 71Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 72Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 73Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 74Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 75Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 76Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 77Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 111 page
background image
GENERAL RELEASE SPECIFICATION
16-BIT TIMER
MC68HC805P18
10-12
8
2
3
4
5
6
7
8
9
10
11
12
13
14
A
16
17
18
19
20
TOF — Timer Overflow Flag
Bit 5 is set by a rollover of the free-running counter from $FFFF to $0000. This
flag and the timer overflow interrupt can be cleared by reading register TSR
followed by reading the LSB of the timer register pair (TMRL).
10.7 Timer Operation During Wait/Halt Modes
During wait and halt modes, the 16-bit timer continues to operate normally and may
generate an interrupt to trigger the MCU out of the wait/halt mode.
10.8 Timer Operation During Stop Mode
When the MCU enters the stop mode, the free-running counter stops counting (the
PH2 clock is stopped). It remains at that particular count value until the stop mode
is exited by applying a low signal to the IRQ pin, at which time the counter resumes
from its stopped value as if nothing had happened. If stop mode is exited via an
external RESET (logic low applied to the RESET pin), the counter is forced to
$FFFC.
If a valid input capture edge occurs at the TCAP pin during stop mode the input
capture detect circuitry will be armed. This action does not set any flags or “wake
up” the MCU, but when the MCU does “wake up” there will be an active input
capture flag (and data) from the first valid edge. If the stop mode is exited by an
external RESET, no input capture flag or data will be present even if a valid input
capture edge was detected during stop mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com