Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LR128FT Datasheet(PDF) 66 Page - STMicroelectronics

Part # M58LR128FT
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FT Datasheet(HTML) 66 Page - STMicroelectronics

Back Button M58LR128FT Datasheet HTML 62Page - STMicroelectronics M58LR128FT Datasheet HTML 63Page - STMicroelectronics M58LR128FT Datasheet HTML 64Page - STMicroelectronics M58LR128FT Datasheet HTML 65Page - STMicroelectronics M58LR128FT Datasheet HTML 66Page - STMicroelectronics M58LR128FT Datasheet HTML 67Page - STMicroelectronics M58LR128FT Datasheet HTML 68Page - STMicroelectronics M58LR128FT Datasheet HTML 69Page - STMicroelectronics M58LR128FT Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 82 page
background image
M58LR128FT, M58LR128FB
66/82
Note: 1. The variable P is a pointer which is defined at CFI offset 15h.
2. Bank Regions. There are two Bank Regions, There are two Bank Regions, see Table 29. and Table 30.
Table 40. Bank and Erase Block Region 2 Information
(P+32)h = 13Ch
06h
Bank Region 1 Erase Block Type 2 Information
Bits 0-15: n+1 = number of identical-sized erase blocks
Bits 16-31: n×256 = number of bytes in erase block region
(P+33)h = 13Dh
00h
(P+34)h = 13Eh
00h
(P+35)h = 13Fh
02h
(P+36)h = 140h
64h
Bank Region 1 (Erase Block Type 2)
Minimum block erase cycles × 1000
(P+37)h = 141h
00h
(P+38)h = 142h
02h
Bank Regions 1 (Erase Block Type 2): BIts per cell, internal
ECC
Bits 0-3: bits per cell in erase region
Bit 4: reserved for “internal ECC used”
BIts 5-7: reserved
(P+39)h = 143h
03h
Bank Region 1 (Erase Block Type 2): Page mode and
Synchronous mode capabilities
Bit 0: Page-mode reads permitted
Bit 1: Synchronous reads permitted
Bit 2: Synchronous writes permitted
Bits 3-7: reserved
Flash memory (top)
Flash memory (bottom)
Description
Offset
Data
Offset
Data
(P+32)h = 13Ch
01h
(P+3A)h = 144h
0Fh
Number of identical banks within Bank Region 2
(P+33)h = 13Dh
00h
(P+3B)h = 145h
00h
(P+34)h = 13Eh
11h
(P+3C)h = 146h
11h
Number of program or erase operations allowed in Bank
Region 2:
Bits 0-3: Number of simultaneous program operations
Bits 4-7: Number of simultaneous erase operations
(P+35)h = 13Fh
00h
(P+3D)h = 147h
00h
Number of program or erase operations allowed in other
banks while a bank in this region is programming
Bits 0-3: Number of simultaneous program operations
Bits 4-7: Number of simultaneous erase operations
(P+36)h = 140h
00h
(P+3E)h = 148h
00h
Number of program or erase operations allowed in other
banks while a bank in this region is erasing
Bits 0-3: Number of simultaneous program operations
Bits 4-7: Number of simultaneous erase operations
(P+37)h = 141h
02h
(P+3F)h = 149h
01h
Types of erase block regions in Bank Region 2
n = number of erase block regions with contiguous same-size
erase blocks.
Symmetrically blocked banks have one blocking region.(2)
(P+38)h = 142h
06h
(P+40)h = 14Ah
77h
Bank Region 2 Erase Block Type 1 Information
Bits 0-15: n+1 = number of identical-sized erase blocks
Bits 16-31: n×256 = number of bytes in erase block region
(P+39)h = 143h
00h
(P+41)h = 14Bh
00h
(P+3A)h = 144h
00h
(P+42)h = 14Ch
00h
(P+3B)h = 145h
02h
(P+43)h = 14Dh
02h
Flash memory (top)
Flash memory (bottom)
Description
Offset
Data
Offset
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com