Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LR128FT Datasheet(PDF) 51 Page - STMicroelectronics

Part # M58LR128FT
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FT Datasheet(HTML) 51 Page - STMicroelectronics

Back Button M58LR128FT Datasheet HTML 47Page - STMicroelectronics M58LR128FT Datasheet HTML 48Page - STMicroelectronics M58LR128FT Datasheet HTML 49Page - STMicroelectronics M58LR128FT Datasheet HTML 50Page - STMicroelectronics M58LR128FT Datasheet HTML 51Page - STMicroelectronics M58LR128FT Datasheet HTML 52Page - STMicroelectronics M58LR128FT Datasheet HTML 53Page - STMicroelectronics M58LR128FT Datasheet HTML 54Page - STMicroelectronics M58LR128FT Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 82 page
background image
51/82
M58LR128FT, M58LR128FB
Figure 18. Reset and Power-up AC Waveforms
Table 25. Reset and Power-up AC Characteristics
Note: 1. The device Reset is possible but not guaranteed if tPLPH < 50ns.
2. Sampled only, not 100% tested.
3. It is important to assert RP in order to allow proper CPU initialization during Power-Up or Reset.
Symbol
Parameter
Test Condition
85
95
Unit
tPLWL
tPLEL
tPLGL
tPLLL
Reset Low to
Write Enable Low,
Chip Enable Low,
Output Enable Low,
Latch Enable Low
During Program
Min
10
10
µs
During Erase
Min
25
25
µs
Other Conditions
Min
80
80
ns
tPHWL
tPHEL
tPHGL
tPHLL
Reset High to
Write Enable Low
Chip Enable Low
Output Enable Low
Latch Enable Low
Min
30
30
ns
tPLPH
(1,2)
RP Pulse Width
Min
50
50
ns
tVDHPH
(3)
Supply Voltages High to Reset
High
Min
50
50
µs
AI06976
W,
RP
E, G,
VDD, VDDQ
tVDHPH
tPLPH
Power-Up
Reset
tPLWL
tPLEL
tPLGL
tPLLL
L
tPHWL
tPHEL
tPHGL
tPHLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com