Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LR128FT Datasheet(PDF) 78 Page - STMicroelectronics

Part # M58LR128FT
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FT Datasheet(HTML) 78 Page - STMicroelectronics

Back Button M58LR128FT Datasheet HTML 74Page - STMicroelectronics M58LR128FT Datasheet HTML 75Page - STMicroelectronics M58LR128FT Datasheet HTML 76Page - STMicroelectronics M58LR128FT Datasheet HTML 77Page - STMicroelectronics M58LR128FT Datasheet HTML 78Page - STMicroelectronics M58LR128FT Datasheet HTML 79Page - STMicroelectronics M58LR128FT Datasheet HTML 80Page - STMicroelectronics M58LR128FT Datasheet HTML 81Page - STMicroelectronics M58LR128FT Datasheet HTML 82Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 78 / 82 page
background image
M58LR128FT, M58LR128FB
78/82
Table 42. Command Interface States - Modify Table, Next Output State
Note: 1. The output state shows the type of data that appears at the outputs if the bank address is the same as the command address. A
bank can be placed in Read Array, Read Status Register, Read Electronic Signature or Read CFI mode, depending on the com-
mand issued. Each bank remains in its last output state until a new command is issued to that bank. The next state does not depend
on the bank output state.
2. CI = Command Interface, CR = Configuration Register, BEFP = Buffer Enhanced Factory Program, P/E. C. = Program/Erase Con-
troller.
3. At Power-Up, all banks are in Read Array mode. Issuing a Read Array command to a busy bank, results in undetermined data out-
put.
4. The two cycle command should be issued to the same bank address.
5. If the P/E.C. is active, both cycles are ignored.
Current CI State
Command Input
Read
Array
(3)
(FFh)
Program
Setup
(4,5)
(10/40h)
Buffer
Program
(E8h)
Block
Erase,
Setup
(4,5)
(20h)
BEFP
Setup
(80h)
Erase
Confirm
P/E
Resume,
Block
Unlock
confirm,
BEFP
Confirm
(4,5)
(D0h)
Program/
Erase
Suspend
(B0h)
Read
Status
Register
(70h)
Clear
status
Register
(50h)
Read
Electronic
signature,
Read CFI
Query
(90h, 98h)
Program Setup
Status Register
Erase Setup
OTP Setup
Program in Erase Suspend
BEFP Setup
BEFP Busy
Buffer Program Setup
Buffer Program Load 1
Buffer Program Load 2
Buffer Program Confirm
Buffer Program Setup in
Erase Suspend
Buffer Program Load 1 in
Erase Suspend
Buffer Program Load 2 in
Erase Suspend
Buffer Program Confirm in
Erase Suspend
Lock/CR Setup
Lock/CR Setup in Erase
Suspend
OTP Busy
Array
Status Register
Output Unchanged
Status
Register
Output
Unchanged
Status
Register
Ready
Electronic
Signature/
CFI
Program Busy
Erase Busy
Buffer Program Busy
Program/Erase Suspend
Buffer Program Suspend
Program Busy in Erase
Suspend
Buffer Program Busy in
Erase Suspend
Program Suspend in Erase
Suspend
Buffer Program Suspend in
Erase Suspend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com